Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E7725AXF Datasheet(PDF) 2 Page - Semtech Corporation

Part # E7725AXF
Description  900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7725AXF Datasheet(HTML) 2 Page - Semtech Corporation

  E7725AXF Datasheet HTML 1Page - Semtech Corporation E7725AXF Datasheet HTML 2Page - Semtech Corporation E7725AXF Datasheet HTML 3Page - Semtech Corporation E7725AXF Datasheet HTML 4Page - Semtech Corporation E7725AXF Datasheet HTML 5Page - Semtech Corporation E7725AXF Datasheet HTML 6Page - Semtech Corporation E7725AXF Datasheet HTML 7Page - Semtech Corporation E7725AXF Datasheet HTML 8Page - Semtech Corporation E7725AXF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
©2006 Semtech Corp. , Rev. 9, 8/22/06
TEST AND MEASUREMENT PRODUCTS
Edge7725
www.semtech.com
PIN Description
[0:1] Refers to Channels 0 or 1
Pin #
Pin Name
Description
Control
17, 22
CONFA[0:1]
TTL inputs to configure the mode of the channel.
16, 23
CONFB[0:1]
TTL inputs to configure the mode of the channel.
21
SEL_DHI
TTL input that selects the Differential Drive Mode when a logical high.
18
SEL_CMP
TTL input that selects window comparators or differential comparator.
Differential comparator is selected when SEL CMP is a logical high.
Driver
105, 106; 61, 62
DOUT[0:1]
Driver output.
89, 78
DHI[0:1]
Flex differential input digital pins which select the driver high or low
90, 77
DHI*[0:1]
91, 76
92, 75
DEN[0:1]
DEN*[0:1]
Flex differential input pins which control the driver being active or in a
high impedance state.
98, 69
96, 71
DVH[0:1]
DVL[0:1]
High impedance analog voltage inputs which determine the driver high,
low, and termination levels.
94, 73
DVT[0:1]
103, 64
RADJ[0:1]
Input currents which determine the driver transition, rise and fall times.
102, 65
FADJ[0:1]
86, 81
DBIAS[0:1]
Analog current input that sets an internal bias current for the driver.
Comparator
128, 39
VINP[0:1]
Analog voltage input to the positive input of the A and B comparators.
3, 36
CVA[0:1]
Analog inputs which set the A, B, and C comparator thresholds.
2, 37
CVB[0:1]
1, 38
CVC[0:1]
10, 29
VCH[0:1]
Voltage clamp high and low inputs.
11, 28
VCL[0:1]
122, 45
QA[0:1]
Differential digital outputs of comparators A and B.
121, 46
QA*[0:1]
123, 44
QB[0:1]
124, 43
QB*[0:1]
7, 32
CBIAS[0:1]
Analog current input that sets an internal bias current for the
comparator.
120, 47
CVC_GND[0:1]
Ground sense line for the differential comparator circuit. Connect to
ground reference for the CVC[0:1] voltage level generating circuit.


Similar Part No. - E7725AXF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E77288-000 MACOM-E77288-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results

Similar Description - E7725AXF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E710AHF SEMTECH-E710AHF Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com