Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6420EVM Datasheet(PDF) 7 Page - Semtech Corporation

Part # 6420EVM
Description  Per-Pin Electronics Companion DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

6420EVM Datasheet(HTML) 7 Page - Semtech Corporation

Back Button 6420EVM Datasheet HTML 3Page - Semtech Corporation 6420EVM Datasheet HTML 4Page - Semtech Corporation 6420EVM Datasheet HTML 5Page - Semtech Corporation 6420EVM Datasheet HTML 6Page - Semtech Corporation 6420EVM Datasheet HTML 7Page - Semtech Corporation 6420EVM Datasheet HTML 8Page - Semtech Corporation 6420EVM Datasheet HTML 9Page - Semtech Corporation 6420EVM Datasheet HTML 10Page - Semtech Corporation 6420EVM Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
 2000 Semtech Corp.
www .semtech.com
HIGH-PERFORMANCE PRODUCTS – ATE
Edge6420
Circuit Description (continued)
DAC Voltage Output Overview
The output voltage of Group A, B, C, and D DACs is
governed by the following equation:
Equation 1.
where:
DATA corresponds to the base-10 value of the binary data
loaded into the shift register shown in Figure 2.
K
G[A:D] is a multiplying factor that is fixed, as follows:
KGA = 4
KGB = 4
KGC = 8
KGD = 4
VREF = 2.5V
Offset
The offset for each of the voltage DACs is governed by the
following equation:
Equation 2.
where:
K
OFFSET = 2
V
REF = 2.5V
External Resistors
The recommended resistor values for the above equations
are as follows:
R_MASTER = 100K
Ω (0.1% precision)
R_GAIN_[A:D] = (0.4 to 1.15) * R_MASTER
R_OFFSET_[A:D] = (0.0 to 1.2) * R_MASTER
Minimum / Maximum Output Voltages
See Table 2 for the minimum and maximum possible
voltages of a voltage output.
Table 2. Minimum/Maximum Output Voltages
where:
VOFFSET[A:D] is defined in equation 2
and
Equation 3.
The most negative voltage possible for the Edge6420 is
–3.5V when VEE = –4.5V.
Resolution
The resolution of the DACs in Groups A, B, C, and D is:
VRANGE_[A:D] / 213
where VRANGE_[A:D] is defined in Equation 4.
Range
The range of the DACs in Groups A, B, C and D is:
Equation 4.
VOUT_[A:D] =
*
KG[A:D] * VREF
+ VOFFSET_[A:D]
R_GAIN_[A:D]
R_MASTER
*
DATA
8192
VOFFSET_[A:D] KOFFSET
R_OFFSET_[A:D]
R_MASTER
=
*
*
0.5 –
VREF
g
n
i
t
t
e
S
C
A
D
B
S
L
..
.
B
S
M
V
]
D
:
A
[
_
T
U
O
)
V
(
H
0
0
0
0
V
]
D
:
A
[
_
T
E
S
F
F
O
H
F
F
F
1
V
]
D
:
A
[
_
X
A
M
VMAX_[A:D] =
+ VOFFSET_[A:D]
R_GAIN_[A:D]
R_MASTER
KG[A:D] * VREF
8191
8192
*
*
=
VRANGE_[A:D]
R_GAIN_[A:D]
R_MASTER
8191
8192
KG[A:D] VREF
*
*
*


Similar Part No. - 6420EVM

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6420 FESTO-6420 Datasheet
95Kb / 2P
   Air solenoid valve
logo
Cooper Bussmann, Inc.
64200 COOPER-64200 Datasheet
44Kb / 1P
   Welder Limiters Class H and J Fuseholders
More results

Similar Description - 6420EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE6435 SEMTECH-EDGE6435 Datasheet
281Kb / 40P
   Per-Pin Electronics Companion DAC
logo
Intersil Corporation
ISL55162 INTERSIL-ISL55162 Datasheet
335Kb / 2P
   SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew
logo
Semtech Corporation
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
E649BPJ SEMTECH-E649BPJ Datasheet
100Kb / 14P
   Octal Pin Electronics Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com