Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX60DF484I6N Datasheet(PDF) 11 Page - Altera Corporation

Part # EP1AGX60DF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX60DF484I6N Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP1AGX60DF484I6N Datasheet HTML 7Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 8Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 9Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 10Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 11Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 12Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 13Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 14Page - Altera Corporation EP1AGX60DF484I6N Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 296 page
background image
Altera Corporation
2–3
May 2008
Arria GX Device Handbook, Volume 1
Arria GX Architecture
Figure 2–2 shows functional blocks that make up a transceiver channel.
Figure 2–2. Arria GX Transceiver Channel Block Diagram
Notes to Figure 2–2:
(1)
“n” represents the number of bits in each word that must be serialized by the transmitter portion of the PMA.
n = 8 or 10.
(2)
“m” represents the number of bits in the word that passes between the FPGA logic and the PCS portion of the
transceiver. m = 8, 10, 16, or 20.
Each transceiver channel is full-duplex and consists of a transmitter
channel and a receiver channel.
The transmitter channel contains the following sub-blocks:
Transmitter phase compensation first-in first-out (FIFO) buffer
Byte serializer (optional)
8B/10B encoder (optional)
Serializer (parallel-to-serial converter)
Transmitter differential output buffer
The receiver channel contains the following:
Receiver differential input buffer
Receiver lock detector and run length checker
Clock recovery unit (CRU)
Deserializer
Pattern detector
Word aligner
Lane deskew
Rate matcher (optional)
8B/10B decoder (optional)
Byte deserializer (optional)
Receiver phase compensation FIFO buffer
Deserializer
Serializer
Word
Aligner
8B/10B
Decoder
XAUI
Lane
Deskew
Byte
Deserializer
8B/10B
Encoder
Phase
Compensation
FIFO Buffer
Reference
Clock
Reference
Clock
Byte
Serializer
Phase
Compensation
FIFO Buffer
Rate
Matcher
PCS Digital Section
FPGA Fabric
PMA Analog Section
Receiver
PLL
Transmitter
PLL
Clock
Recovery
Unit
m
n
n
m
(1)
(2)
(2)
(1)


Similar Part No. - EP1AGX60DF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX60DF484I6N ALTERA-EP1AGX60DF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP1AGX60DF484I6N ALTERA-EP1AGX60DF484I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX60DF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX_09 Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
   Using Terminator Technology in Stratix & Stratix GX Devices
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com