Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC2T872YFPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC2T872YFPR
Description  SN74AVC2T872
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872YFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AVC2T872YFPR Datasheet HTML 7Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 8Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 9Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 10Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 11Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 12Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 13Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 14Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SWITCHING CHARACTERISTICS
SN74AVC2T872
www.ti.com........................................................................................................................................................................................... SCES710 – NOVEMBER 2008
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V, PD_EN = 0 V (unless otherwise noted)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
15
0.6
11.3
0.4
9.2
0.3
6.8
0.3
5.6
D+(A) to D+(B)
ns
or D–(A) to D–(B)
tPHL
15
0.6
10.2
0.4
8.4
0.3
6.2
0.3
5.5
Propagation
delay
tPLH
9
0.3
6.6
0.2
5.8
0.2
4.9
0.2
4.5
D+(B) to D+(A)
ns
or D–(B) to D–(A)
tPHL
9
0.3
7
0.2
6.2
0.2
5.3
0.2
4.9
Output rise
tr
14
10
10
10
10
ns
time
tf
Output fall time
14
10
10
10
10
ns
tPHZ
9
1
6.6
1
6.5
1
6.1
1
5.8
DIR or DIR_POL
D+(A) or D–(A)
ns
tPLZ
9
1
5.7
1
5.7
1
5.7
1
5.7
Disable time
tPHZ
19
0.5
7.4
0.3
6.5
0.3
5.2
0.3
5.3
DIR or DIR_POL
D+(B) or D–(B)
ns
tPLZ
19
0.5
13.8
0.3
10.6
0.3
7
0.3
6.4
tPZH
28
20.4
16.4
11.9
10.9
DIR or DIR_POL
D+(A) or D–(A)
ns
tPZL
28
14.4
12.7
10.4
10.2
Enable time(1)
tPZH
24
17
14.9
12.5
11.3
DIR or DIR_POL
D+(B) or D–(B)
ns
tPZL
24
16.7
14.9
12.3
11.3
Fmax
Max data rate
12
12
12
12
12
Mbps
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74AVC2T872


Similar Part No. - SN74AVC2T872YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com