Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR090X-YYY-TKSYZ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATAR090X-YYY-TKSYZ
Description  Low-current Microcontroller for Wireless Communication
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090X-YYY-TKSYZ Datasheet(HTML) 4 Page - ATMEL Corporation

  ATAR090X-YYY-TKSYZ Datasheet HTML 1Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 2Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 3Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 4Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 5Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 6Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 7Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 8Page - ATMEL Corporation ATAR090X-YYY-TKSYZ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
4
ATAR090/ATAR890
4696D–4BMCU–12/04
Components of MARC4
Core
The core contains ROM, RAM, ALU, program counter, RAM address registers, instruc-
tion decoder and interrupt controller. The following sections describe each functional
block in more detail.
ROM
The program memory (ROM) is mask programmed with the customer application pro-
gram during fabrication of the microcontroller. The 2 Kbyte ROM size is addressed by a
12-bit wide program counter. An additional 1 Kbyte of ROM exists which is reserved for
quality control self-test software The lowest user ROM address segment is taken up by
a 512-byte zero page which contains predefined start addresses for interrupt service
routines and special subroutines accessible with single byte instructions (SCALL).
The corresponding memory map is shown in Figure 4 Look-up tables of constants can
also be held in ROM and are accessed via the MARC4’s built-in table instruction.
Figure 4. ROM Map
RAM
The ATAR090 and ATAR890 contain 256 x 4-bit wide static random access memory
(RAM). It is used for the expression stack, the return stack and data memory for vari-
ables and arrays. The RAM is addressed by any of the four 8-bit wide RAM address
registers SP, RP, X and Y.
Expression Stack
The 4-bit wide expression stack is addressed with the expression stack pointer (SP). All
arithmetic, I/O and memory reference operations take their operands from, and return
their results to the expression stack. The MARC4 performs the operations with the top of
stack items (TOS and TOS-1). The TOS register contains the top element of the expres-
sion stack and works in the same way as an accumulator. This stack is also used for
passing parameters between subroutines and as a scratch pad area for temporary stor-
age of data.
Return Stack
The 12-bit wide return stack is addressed by the return stack pointer (RP). It is used for
storing return addresses of subroutines, interrupt routines and for keeping loop index
counts. The return stack can also be used as a temporary storage area.
The MARC4 instruction set supports the exchange of data between the top elements of
the expression stack and the return stack. The two stacks within the RAM have a user
definable location and maximum depth.
ROM
(2 K x 8 bit)
Zero page
7FFh
1FFh
000h
1F0h
1F8h
010h
018h
000 h
008h
020 h
1E8h
1E0h
140h
180h
040h
0C 0h
008h
$A U T O SL E E P
$R E SE T
IN T 0
IN T 1
IN T 2
IN T 3
IN T 4
IN T 5
IN T 6
IN T 7
1E0h
1C 0h
100h
080h
Zer o
page
000h


Similar Part No. - ATAR090X-YYY-TKSYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR090X-YYY-TKSYZ ATMEL-ATAR090X-YYY-TKSYZ Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR090X-YYY-TKSYZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com