Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR090-C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATAR090-C
Description  Low-current Microcontroller for Wireless Communication
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090-C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATAR090-C Datasheet HTML 3Page - ATMEL Corporation ATAR090-C Datasheet HTML 4Page - ATMEL Corporation ATAR090-C Datasheet HTML 5Page - ATMEL Corporation ATAR090-C Datasheet HTML 6Page - ATMEL Corporation ATAR090-C Datasheet HTML 7Page - ATMEL Corporation ATAR090-C Datasheet HTML 8Page - ATMEL Corporation ATAR090-C Datasheet HTML 9Page - ATMEL Corporation ATAR090-C Datasheet HTML 10Page - ATMEL Corporation ATAR090-C Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
7
4700C–4BMCU–02/05
ATAR090-C/ATAR890-C
3.2.3.6
Top of Stack (TOS)
The top of stack register is the accumulator of the MARC4. All arithmetic/logic, memory refer-
ence and I/O operations use this register. The TOS register receives data from the ALU, ROM,
RAM or I/O bus.
3.2.3.7
Condition Code Register (CCR)
The 4-bit wide condition code register contains the branch, the carry and the interrupt enable
flag. These bits indicate the current state of the CPU. The CCR flags are set or reset by ALU
operations. The instructions SET_BCF, TOG_BF, CCR! and DI allow direct manipulation of the
condition code register.
3.2.3.8
Carry/Borrow (C)
The carry/borrow flag indicates that the borrowing or carrying out of the Arithmetic Logic Unit
(ALU) occurred during the last arithmetic operation. During shift and rotate operations, this bit is
used as a fifth bit. Boolean operations have no affect on the C-flag.
3.2.3.9
Branch (B)
The branch flag controls the conditional program branching. Should the branch flag have been
set by a previous instruction, a conditional branch will cause a jump. This flag is affected by
arithmetic, logic, shift, and rotate operations.
3.2.3.10
Interrupt Enable (I)
The interrupt enable flag globally enables or disables the triggering of all interrupt routines with
the exception of the non-maskable reset. After a reset or while executing the DI instruction, the
interrupt enable flag is reset, thus disabling all interrupts. The core will not accept any further
interrupt requests until the interrupt enable flag has been set again by either executing an EI or
SLEEP instruction.
3.2.4
ALU
The 4-bit ALU performs all the arithmetic, logical, shift and rotate operations with the top two ele-
ments of the expression stack (TOS and TOS-1) and returns the result to the TOS. The ALU
operations affect the carry/borrow and branch flag in the condition code register (CCR).
Figure 3-5.
ALU Zero-address Operations
TOS-1
CCR
RAM
TOS-2
SP
TOS-3
TOS
ALU
TOS-4


Similar Part No. - ATAR090-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
More results

Similar Description - ATAR090-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR092 ATMEL-ATAR092 Datasheet
1Mb / 107P
   Low-current Microcontroller for Wireless Communication
ATAR892 ATMEL-ATAR892 Datasheet
989Kb / 100P
   Low-current Microcontroller for Wireless Communication
ATAR090-D ATMEL-ATAR090-D Datasheet
786Kb / 70P
   Low-current Microcontroller for Wireless Communication
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
ATAR890 ATMEL-ATAR890 Datasheet
738Kb / 75P
   Low-current Microcontroller for Wireless Communication
ATAR090 ATMEL-ATAR090 Datasheet
912Kb / 75P
   Low-current Microcontroller for Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com