Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAM862-3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATAM862-3
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATAM862-3_07 Datasheet HTML 7Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 8Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 9Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 10Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 11Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 12Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 13Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 14Page - ATMEL Corporation ATAM862-3_07 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
11
4554F–4BMCU–07/07
ATAM862-3
Figure 7-5.
ESD Protection Circuit
CLK
PA_ENABLE
ANT2
ANT1
XTAL
ENABLE
VS
GND
8.
Absolute Maximum Ratings: RF Part
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
–55
+125
°C
Ambient temperature
T
amb
–55
+125
°C
Input voltage
VmaxPA_ENABLE
–0.3
(VS + 0.3)
(1)
V
Note:
1. If VS + 0.3 is higher than 3.7V, the maximum voltage will be reduced to 3.7V.
9.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
135
K/W
10. Electrical Characteristics
VS = 2.0V to 4.0V, Tamb = –40°C to +125°C, unless otherwise specified.
Typical values are given at VS = 3.0V and Tamb = 25°C. All parameters are referred to GND (Pin 3).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
V
ENABLE < 0.25V, –40°C to +85°C
VPA-ENABLE < 0.25V, -85°C to +125°C
VPA-ENABLE <0.25V, 25°C
(100% correlation tested)
IS_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, V
S = 3V
VENABLE > 1.7V, VPA-ENABLE < 0.25V
IS
3.7
4.8
mA
Supply current
Power up, VS = 3.0V
V
ENABLE > 1.7V, VPA-ENABLE >1.7V
I
S_Transmit
911.6
mA
Note:
1. If V
S is higher than 3.6V, the maximum voltage will be reduced to 3.6V.


Similar Part No. - ATAM862-3_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATAM862-3_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com