Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5746-PXQW Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5746-PXQW
Description  UHF ASK/FSK Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5746-PXQW Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5746-PXQW Datasheet HTML 7Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 8Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 9Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 10Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 11Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 12Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 13Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 14Page - ATMEL Corporation ATA5746-PXQW Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
4596B–RKE–06/07
ATA5745/ATA5746 [Preliminary]
2.5
RX Supply Current Versus Temperature and Supply Voltage
Table 2-7 shows the typical supply current of the receiver in Active mode versus supply voltage
and temperature with VS = VS3V_AVCC = VS5V.
2.6
Blocking, Selectivity
As can be seen in Figure 2-6 on page 11, and Figure 2-7 and Figure 2-8 on page 12, the
receiver can receive signals 3 dB higher than the sensitivity level in the presence of large block-
ers of –34.5 dBm or –28 dBm with small frequency offsets of ±3 MHz or ±20 MHz.
Figure 2-6, and Figure 2-7 on page 12 show the narrow-band blocking, and Figure 2-8 on page
12 shows the wide-band blocking characteristic. The measurements were done with a useful
signal of 315 MHz, FSK, 10 Kbits/s,
±38 kHz, Manchester, BR_Range2 with a level of
–105 dBm + 3 dB = –102 dBm, which is 3 dB above the sensitivity level. The figures show how
much larger than –102 dBm a continuous wave signal can be, until the BER is higher than 10
–3.
The measurements were done at the 50
Ω input shown in Figure 2-1 on page 6. At 3 MHz, for
ex am ple,
th e
b l o cke r
can
be
6 7 .5 d B C
h i gh er
th an
–10 2 d Bm ,
or
–102 dBm + 67.5 dBC = –34.5 dBm.
Figure 2-6.
Close-in 3-dB Blocking Characteristic and Image Response at 315 MHz
Table 2-6.
Measured Current in Active Mode ASK
VS = VS3V_AVCC = VS5V
2.7V
3.0V
3.3V
T
amb = –40°C
5.4 mA
5.5 mA
5.6 mA
T
amb = 25°C
6.4 mA
6.5 mA
6.6 mA
T
amb = 105°C
7.4 mA
7.5 mA
7.6 mA
Table 2-7.
Measured Current in Active Mode FSK
VS = VS3V_AVCC = VS5V
2.7V
3.0V
3.3V
T
amb = –40°C
5.6 mA
5.7 mA
5.8 mA
T
amb = 25°C
6.6 mA
6.7 mA
6.8 mA
T
amb = 105°C
7.6 mA
7.7 mA
7.8 mA
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Distance from Interfering to Receiving Signal (MHz)


Similar Part No. - ATA5746-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5746C ATMEL-ATA5746C_14 Datasheet
1Mb / 42P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5746-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com