Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6074 Datasheet(PDF) 4 Page - Semtech Corporation

Part # 1N6074
Description  RECTIFIER, up to 150V, 1.8A, 30ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6074 Datasheet(HTML) 4 Page - Semtech Corporation

  1N6074 Datasheet HTML 1Page - Semtech Corporation 1N6074 Datasheet HTML 2Page - Semtech Corporation 1N6074 Datasheet HTML 3Page - Semtech Corporation 1N6074 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 150V, 1.8A, 30ns
1N6073
FF05
1N6074
FF10
1N6075
FF15
January 7, 1998


Similar Part No. - 1N6074

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6074 MICROSEMI-1N6074 Datasheet
70Kb / 2P
   ULTRA FAST POWER RECTIFIERS
1N6074 MICROSEMI-1N6074 Datasheet
336Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
1N6074 MICROSEMI-1N6074 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Digitron Semiconductors
1N6074 DIGITRON-1N6074 Datasheet
158Kb / 3P
   ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
1N6074US MICROSEMI-1N6074US Datasheet
126Kb / 3P
   VOIDLESS HERMETICALLY SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
More results

Similar Description - 1N6074

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
   RECTIFIER, up to 150V, 5A, 30ns
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
1N6076 SEMTECH-1N6076 Datasheet
81Kb / 2P
   RECTIFIER, up to 150V, 3.1A, 30ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
   RECTIFIER, up to 200V, 4A, 30ns
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
logo
Sanyo Semicon Device
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
   150V, 100mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
   150V, 100mA Rectifier
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
   150V, 20mA Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com