Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP15PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP15PW
Description  Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP15PW Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP15PW Datasheet HTML 1Page - Texas Instruments SN65LVCP15PW Datasheet HTML 2Page - Texas Instruments SN65LVCP15PW Datasheet HTML 3Page - Texas Instruments SN65LVCP15PW Datasheet HTML 4Page - Texas Instruments SN65LVCP15PW Datasheet HTML 5Page - Texas Instruments SN65LVCP15PW Datasheet HTML 6Page - Texas Instruments SN65LVCP15PW Datasheet HTML 7Page - Texas Instruments SN65LVCP15PW Datasheet HTML 8Page - Texas Instruments SN65LVCP15PW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC ELECTRICAL CHARACTERISTICS
APPLICATION EXAMPLE
TX+
TX-
RX+
RX-
TX+
TX-
RX+
RX-
TLK2201B
RT
0.01
F
m
0.01
F
m
RT
0.01
F
m
0.01
F
m
O+
O-
I+
I-
O1+
O1-
I1+
I1-
SN65LVCP15
0.01
F
m
0.01
F
m
RT
RT
0.01
F
m
0.01
F
m
TLK2201B
R
R
R
R
SignalRe-DriverExample
TX
RX
TLK2201B
SN65LVCP15
TX
RX
TLK2201B
SerDes
TX
RX
TLK2201B
SignalRepeatingExample
SN65LVCP15
www.ti.com........................................................................................................................................... SLLS875A – OCTOBER 2008 – REVISED NOVEMBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH(TTL)
Input HIGH voltage
2
5.5
V
VIL(TTL)
Input LOWS voltage
0
0.8
V
IIH(TTL)
Input HIGH current
VIN = 2.4 V
-100
100
µA
IIL(TTL)
Input HIGH current
VIN = 0.5 V
–100
100
µA
VDD
Supply voltage
VDD = 3.30 V ±5%
3.14
3.47
V
IDD
Supply current
Outputs open, VDD = VDD max
131
mA
PD
Power dissipation
Outputs open, VDD = VDD max
455
mW
Receiver differential peak-to-peak input
ΔVIN
AC coupled, Internally biased at VDD/2
300
2600
mVPP
sensitivity (IN, IN0, IN1)
ΔVOUT50
50
Ω to VDD – 2 V
1000
2200
mVPP
Output differential peak-to-peak voltage swing
(OUT, OUT0, OUT1)
ΔVOUT75
75
Ω to VDD – 2 V
1200
2200
mVPP
R is 150
Ω for both 100 Ω differential or 150 Ω differential traces.
RT matches the differential impedance of the link.
For optimal signal integrity performance, A/C coupling is recommended.
Figure 2. TLK2201B and SN65LVCP15 Interconnect
Figure 3.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVCP15


Similar Part No. - SN65LVCP15PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
More results

Similar Description - SN65LVCP15PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com