Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89C51RB2-CM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 89C51RB2-CM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

89C51RB2-CM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 89C51RB2-CM Datasheet HTML 7Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 8Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 9Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 10Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 11Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 12Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 13Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 14Page - ATMEL Corporation 89C51RB2-CM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
11
AT89C51RB2/RC2
4180E–8051–10/06
I/O
CEX4: Capture/Compare External I/O for PCA Module 4
P1.0 - P1.7
I/O
MOSI: SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral. When SPI
is in slave mode, MOSI receives data from the master controller.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
P2.0 - P2.7
21 - 28
24 - 31
18 - 25
I/O
Port 2: Port 2 is an 8-bit bi-directional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 2 pins that are externally pulled low will source current
because of the internal pull-ups. Port 2 emits the high - order address Byte during
fetches from external program memory and during accesses to external data
memory that use 16-bit addresses (MOVX @DPTR). In this application, it uses
strong internal pull-ups emitting 1s. During accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR. Some
Port 2 pins receive the high order address bits during EPROM programming and
verification:
P2.0 to P2.5 for 16 KB devices
P2.0 to P2.6 for 32KB devices
P3.0 - P3.7
10 - 17
11,
13 - 19
5,
7 - 13
I/O
Port 3: Port 3 is an 8-bit bi-directional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 3 pins that are externally pulled low will source current
because of the internal pull-ups. Port 3 also serves the special features of the
80C51 family, as listed below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt 0
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset using
only an external capacitor to V
CC. This pin is an output when the hardware
watchdog forces a system reset.
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low Byte of
the address during an access to external memory. In normal operation, ALE is
emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can
be used for external timing or clocking. Note that one ALE pulse is skipped during
each access to external data memory. This pin is also the program pulse input
(PROG) during Flash programming. ALE can be disabled by setting SFR’s AUXR. 0
bit. With this bit set, ALE will be inactive during internal fetches.
Table 12. Pin Description for 40 - 44 Pin Packages (Continued)
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44 1.4


Similar Part No. - 89C51RB2-CM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
89C51RB2-CM ATMEL-89C51RB2-CM Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
More results

Similar Description - 89C51RB2-CM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com