Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5282 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5282
Description  Ultra Low Power 125 kHz 3D - Wake-up Receiver with RSSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5282 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5282 Datasheet HTML 6Page - ATMEL Corporation ATA5282 Datasheet HTML 7Page - ATMEL Corporation ATA5282 Datasheet HTML 8Page - ATMEL Corporation ATA5282 Datasheet HTML 9Page - ATMEL Corporation ATA5282 Datasheet HTML 10Page - ATMEL Corporation ATA5282 Datasheet HTML 11Page - ATMEL Corporation ATA5282 Datasheet HTML 12Page - ATMEL Corporation ATA5282 Datasheet HTML 13Page - ATMEL Corporation ATA5282 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
4694E–AUTO–08/05
ATA5282
In case of corrupted data or in a noisy environment, the controller also may use the serial
interface to reset the ATA5282 to the initial state. This is performed by shifting a specific com-
mand into the internal command register.
Figure 3-7.
Wake-up Protocol for 125-kHz ASK Modulation
320 periods
of 125 kHz
about 2.5 ms
about 1 ms
Internally
demodulated
signal
Internal
wake-up
NDATA/
NWAKEUP
Header
detection
0.5 ms
n Bit Data
01
Input
signal
Input
signal
Synch
Header
Preamble
End of Data
32 periods of
125 kHz
1
16
periods
off
Header
valid
Internal
wake-up
20 ms no
signal
NDATA/
NWAKEUP
32
periods
off
16
periods
on


Similar Part No. - ATA5282

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
More results

Similar Description - ATA5282

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5282 ATMEL-ATA5282 Datasheet
395Kb / 23P
   ULTRA LOW POWER 125 KHZ 3D WAKE UP RECEIVER WITH RSSI
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
   3D Low Power Wake-up Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
   3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
ATMEL Corporation
ATA5283 ATMEL-ATA5283 Datasheet
233Kb / 14P
   Interface IC for 125 kHz Wake-up Function
ATA5283 ATMEL-ATA5283_07 Datasheet
271Kb / 14P
   Interface IC for 125 kHz Wake-up Function
logo
Infineon Technologies A...
TLI493D-W2BW INFINEON-TLI493D-W2BW Datasheet
1Mb / 23P
   Low power 3D Hall sensor with I2C interface and Wake-Up function
V1.00 2020-07-21
TLE493D-W2B6 INFINEON-TLE493D-W2B6 Datasheet
627Kb / 21P
   Low Power 3D Hall Sensor with I2C Interface and Wake Up Function
Ver. 1.0 2018-01-24
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
   3D Low Power Wakeup Receiver
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com