Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2590RGVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVRG4
Description  2.4-GHz RF Front End, 14-dBm output power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2590RGVRG4 Datasheet HTML 6Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 7Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 8Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 9Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 10Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 11Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 12Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 13Page - Texas Instruments CC2590RGVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Connecting CC2590 to the CC2500, CC2510, or CC2511 Device
RF_P
RXTX
RF_N
RF_P
RF_N
CC25
CC2510
CC2511
00
Connectedto
VDD/GND/MCU
Alternatively
fromMCU
RF_P
RXTX
RF_N
= PCBtraceinductor
CC2590
ANT
PAEN
EN
HGM
VDD
VDD
VDD
RF_P
RXTX
RF_N
R151
NC
GDO0
GDO2
L112
C113
C111
L111
C112
C161
C101/C102
C131/C132
CC2590
SWRS080 – SEPTEMBER 2008 ........................................................................................................................................................................................ www.ti.com
Table 4. Control Logic for Connecting CC2590 to a CC2500/10/11 Devices
PAEN
EN
RXTX
HGM
MODE OF OPERATION
0
0
NC
X
Power Down
0
1
NC
0
RX Low Gain Mode
0
1
NC
1
RX High Gain Mode
1
0
NC
X
TX
1
1
NC
X
Not allowed
Figure 12. CC2590 + CC2500/10/11 Device Application Circuit
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2590


Similar Part No. - CC2590RGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590RGVR TI-CC2590RGVR Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
More results

Similar Description - CC2590RGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com