Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32374EIVZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL32374EIVZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32374EIVZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL32374EIVZ Datasheet HTML 2Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 9Page - Intersil Corporation ISL32374EIVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN6824.0
December 16, 2008
Absolute Maximum Ratings
Thermal Information
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL to GND (ISL32179E Only) . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Input Voltages
DI, EN (all varieties) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Output Voltages
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Output Current
Y, Z (Per Output, Continuous, TJ ≤ 125°C) . . . . . . . . . . . . 100mA
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Ld SOIC Package (Note 3) . . . . . . .
80
N/A
16 Ld TSSOP Package (Note 3) . . . . .
105
N/A
24 Ld QFN Package (Notes 4, 5). . . . .
42
5
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range
ISL32x7xEF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
ISL32x7xEI. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V and 4.5V to 5.5V; VL = VCC (ISL32179E only); Typicals are at VCC = 3.3V
or VCC = 5V, TA = +25°C; Unless Otherwise Specified.(Notes 6, 10)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 9)
TYP
MAX
(Note 9) UNITS
DC CHARACTERISTICS
Differential VOUT
VOD
No Load
Full
2.5
-
VCC
RL = 100Ω (RS-422)
(see Figure 1)
VCC ≥ 3V
Full
2
2.6
-
V
VCC ≥ 4.5V
Full
3
4
-
V
Single-Ended VOUT (Y or Z)
VO
IO = -20mA, VOH
Full
2.4
2.7
-
V
IO = 20mA, VOL
Full
-
0.2
0.4
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔV
OD
RL = 100Ω (see Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 100Ω (see Figure 1)
Full
-
2.6
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔV
OC
RL = 100Ω (see Figure 1)
Full
-
0.01
0.2
V
Input High Voltage (Logic Pins,
Note 14)
VIH1
VL = VCC if ISL32179E
VCC ≤ 3.6V
Full
2.2
-
-
V
VIH2
VCC ≤ 5.5V, DI
Full
2.7
-
-
V
VIH2E
VCC ≤ 5.5V, ENs
Full
2.4
-
-
V
VIH3
2.7V
≤ VL < 3.0V (ISL32179E Only)
Full
2
-
-
V
VIH4
2.3V
≤ V
L < 2.7V (ISL32179E Only)
Full
1.6
-
-
V
VIH5
1.6V
≤ VL < 2.3V (ISL32179E Only)
Full
0.72*VL
--
V
VIH6
1.5V
≤ VL < 1.6V (ISL32179E Only)
25
-
0.45*VL
-V
Input Low Voltage (Logic Pins,
Note 14)
VIL1
VL = VCC if ISL32179E
Full
-
-
0.8
V
VIL2
VL ≥ 2.7V (ISL32179E Only)
Full
-
-
0.6
V
VIL3
2.3V
≤ VL < 2.7V (ISL32179E Only)
Full
-
-
0.6
V
VIL4
1.6V
≤ V
L < 2.3V (ISL32179E Only)
Full
-
-
0.22*VL
V
VIL5
1.5V
≤ VL < 1.6V (ISL32179E Only)
25
-
0.25*VL
-V
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32374EIVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32372E INTERSIL-ISL32372E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL32374EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com