Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27500DRZR-V120G4 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ27500DRZR-V120G4
Description  System-Side Impedance Track??Fuel Gauge
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZR-V120G4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27500DRZR-V120G4 Datasheet HTML 6Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 7Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 8Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 9Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 10Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 11Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 12Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 13Page - Texas Instruments BQ27500DRZR-V120G4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
4.1.1.1 Control( ): 0x00/0x01
bq27500-V120
System-Side Impedance Track™ Fuel Gauge
SLUS880 – OCTOBER 2008
www.ti.com
Issuing a Control( ) command requires a subsequent 2-byte subcommand. These additional bytes specify
the particular control function desired. The Control( ) command allows the system to control specific
features of the bq27500 during normal operation and additional features when the bq27500 is in different
access modes, as described in Table 4-2.
Table 4-2. Control( ) Subcommands
CNTL
SEALED
CNTL FUNCTION
DESCRIPTION
DATA
ACCESS
CONTROL_STATUS
0x0000
Yes
Reports the status of DF checksum, hibernate, IT, etc.
DEVICE_TYPE
0x0001
Yes
Reports the device type (eg: "bq27500")
FW_VERSION
0x0002
Yes
Reports the firmware version on the device type
HW_VERSION
0x0003
Yes
Reports the hardware version of the device type
Enables a data flash checksum to be generated and
DF_CHECKSUM
0x0004
No
reports on a read
RESET_DATA
0x0005
Yes
Returns reset data
Reserved
0x0006
No
Not to be used
PREV_MACWRITE
0x0007
Yes
Returns previous MAC command code
Reports the chemical identifier of the Impedance Track™
CHEM_ID
0x0008
Yes
configuration
Board_OFFSET
0x0009
No
Forces the device to measure and store the board offset
CC_INT_OFFSET
0x000a
No
Forces the device to measure the internal CC offset
WRITE_CC_OFFSET
0x000b
No
Forces the device to store the internal CC offset
SET_HIBERNATE
0x0011
Yes
Forces CONTROL_STATUS [HIBERNATE] to 1
CLEAR_HIBERNATE
0x0012
Yes
Forces CONTROL_STATUS [HIBERNATE] to 0
SET_SLEEP+
0x0013
Yes
Forces CONTROL_STATUS [SNOOZE] to 1
CLEAR_SLEEP+
0x0014
Yes
Forces CONTROL_STATUS [SNOOZE] to 0
SEALED
0x0020
No
Places the bq27500 in SEALED access mode
IT_ENABLE
0x0021
No
Enables the Impedance Track™ algorithm
CAL_MODE
0x0040
No
Places the bq27500 in calibration mode
RESET
0x0041
No
Forces a full reset of the bq27500
4.1.1.1.1 CONTROL_STATUS: 0x0000
Instructs the fuel gauge to return status information to control addresses 0x00/0x01. The status word
includes the following information.
Table 4-3. CONTROL_STATUS Bit Definitions
Flags( )
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
High byte
FAS
SS
CSV
CCA
BCA
Low byte
HIBERNATE
SNOOZE
SLEEP
LDMD
RUP_DIS
VOK
QEN
FAS = Status bit indicating the bq27500 is in FULL ACCESS SEALED state. Active when set
SS = Status bit indicating the bq27500 is in SEALED state. Active when set
CSV = Status bit indicating a valid data flash checksum has been generated. Active when set
CCA = Status bit indicating the bq27500 coulomb counter calibration routine is active. Active when set. The first CCA routine will take place
approximately 3 minutes and 45 seconds after the initialization
BCA = Status bit indicating the bq27500 board calibration routine is active. Active when set
HIBERNATE = Status bit indicating a request for entry into HIBERNATE from SLEEP mode. True when set. Default is 0.
SNOOZE = Status bit indicating the bq27500 SLEEP+ mode is enabled. True when set
SLEEP = Status bit indicating the bq27500 is in SLEEP mode. True when set
LDMD = Status bit indicating the bq27500 Impedance Track™ algorithm is using constant-power mode. True when set. Default is 0.
(constant-current mode).
RUP_DIS = Status bit indicating the bq27500 Ra table updates are disabled. Updates disabled when set
VOK = Status bit indicating the bq27500 voltages are okay for Qmax. True when set
QEN = Status bit indicating the bq27500 Qmax updates enabled. True when set
GENERAL DESCRIPTION
10
Submit Documentation Feedback


Similar Part No. - BQ27500DRZR-V120G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZR-V120G4 TI-BQ27500DRZR-V120G4 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
More results

Similar Description - BQ27500DRZR-V120G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com