Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83EB5114 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83EB5114
Description  Low-pin-count 8-bit microcontroller with A/D converter
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83EB5114 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83EB5114 Datasheet HTML 1Page - ATMEL Corporation AT83EB5114 Datasheet HTML 2Page - ATMEL Corporation AT83EB5114 Datasheet HTML 3Page - ATMEL Corporation AT83EB5114 Datasheet HTML 4Page - ATMEL Corporation AT83EB5114 Datasheet HTML 5Page - ATMEL Corporation AT83EB5114 Datasheet HTML 6Page - ATMEL Corporation AT83EB5114 Datasheet HTML 7Page - ATMEL Corporation AT83EB5114 Datasheet HTML 8Page - ATMEL Corporation AT83EB5114 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Rev. 4311C–8051–02/08
1
Features
80C51 Compatible
– Two I/O Ports
– Two 16-bit Timer/Counters
– 256 bytes RAM
4 Kbytes ROM or 4 Kbytes Flash Program Memory
256 bytes EEPROM (Stack Die Packaging Technology on SO20 Package)
X2 Speed Improvement Capability (6 Clocks/Machine Cycle)
10-bit, 6 Channels A/D Converter
– One-channel with Progammable Gain and Rectifying Amplifier (Accuracy +/- 5%)
– Voltage Reference for A/D & External Analog
Hardware Watchdog Timer
Programmable I/O Mode: Standard C51, Input Only, Push-pull, Open Drain
Asynchronous Port Reset
Triple System Clock
– Crystal or Ceramic Oscillator (24 MHz)
– RC Oscillator (12 MHz), with Calibration Factor Using External R and C
(Accuracy +/- 3.5% with Ideal R and C)
– RC Oscillator, Low Power Consumption (12 MHz Low Accuracy)
– Programmable Prescaler
One PWM Unit Block With:
– 16-bits Programmable Counter
– 3 Independent Modules
One PWM Unit Block with:
– 16 bits Programmable Counter
– 1 Module
Interrupt Structure With:
– 7 Interrupt Sources,
– 4 interrupt Priority Levels
Power Control Modes:
– Idle Mode
– Power-down Mode
– Power Fail Detect, Power On Reset
– Quiet mode for A to D Conversion
Power Supply: 3 to 3.6V
Temperature Range: -40 to 85o C
Package: SO20, SO24 (upon request)
Description
The AT8xEB5114 is a high performance version of the 80C51 8-bit microcontroller in a
Low Pin Count package.
The AT8xEB5114 retains all the features of the standard 80C51 with 4 Kbytes pro-
gram memory, 256 bytes of internal RAM, a 7-source, 4-level interrupt system, an on-
chip oscillator and two timers/counters. AT8xEB5114 may include a serial two wire
interface EEPROM housed together with the microcontroller die in the same package.
The AT8xEB5114 is dedicated for analog interfacing applications. For this, it has a 10-
bit, 6 channels A/D converter and two PWM units; these PWM blocks provide PWM
generation with variable frequency and pulse width.
In addition, the AT8xEB5114 has a Hardware Watchdog Timer and an X2 speed
improvement mechanism. The X2 feature allows to keep the same CPU power at a
divided by two oscillator frequency. The prescaler allows to decrease CPU and periph-
erals clock frequency. The fully static design of the AT8xEB5114 allows to reduce
system power consumption by bringing the clock frequency down to any value, even
DC, without loss of data.
Low-pin-count
8-bit
microcontroller
with A/D
converter
AT83EB5114
AT89EB5114


Similar Part No. - AT83EB5114

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114XXXTGRIL ATMEL-AT83EB5114XXXTGRIL Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
More results

Similar Description - AT83EB5114

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
logo
NXP Semiconductors
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com