Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24750ARHDT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750ARHDT
Description  Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750ARHDT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24750ARHDT Datasheet HTML 5Page - Texas Instruments BQ24750ARHDT Datasheet HTML 6Page - Texas Instruments BQ24750ARHDT Datasheet HTML 7Page - Texas Instruments BQ24750ARHDT Datasheet HTML 8Page - Texas Instruments BQ24750ARHDT Datasheet HTML 9Page - Texas Instruments BQ24750ARHDT Datasheet HTML 10Page - Texas Instruments BQ24750ARHDT Datasheet HTML 11Page - Texas Instruments BQ24750ARHDT Datasheet HTML 12Page - Texas Instruments BQ24750ARHDT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
bq24750A
www.ti.com....................................................................................................................................................................................................... SLUS834 – JULY 2008
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY SWITCH (BATDRV) DRIVER
RDS(off)_BAT
BATFET Turn-off resistance
VACN > 5 V
160
RDS(on)_BAT
BATFET Turn-on resistance
VACN > 5 V
3
k
VBATDRV_REG = VACN – VBATDRV when
V/BATDRV_REG
BATFET drive voltage
6.5
V
VACN > 5 V and BATFET is on
Delay to turn off BATFET after adapter is
BATFET Power-up delay
518
700
908
ms
detected (after ACDET > 2.4)
AC SWITCH (ACDRV) DRIVER
RDS(off)_AC
ACFET turn-off resistance
VPVCC > 5 V
80
RDS(on)_AC
ACFET turn-on resistance
VPVCC > 5 V
2.5
k
V/ACDRV_REG = VPVCC – V/ACDRV when
V/ACDRV_REG
ACFET drive voltage
6.5
V
VPVCC > 5 V and ACFET is on
Delay to turn on ACFET after adapter is
ACFET Power-up Delay
518
700
908
ms
detected (after ACDET > 2.4)
AC / BAT MOSFET DRIVERS TIMING
Dead time when switching between
Driver dead time
10
µs
ACDRV and BATDRV
PWM HIGH SIDE DRIVER (HIDRV)
High side driver (HSD) turn-on
RDS(on)_HI
VBTST – VPH = 5.5 V, tested at 100 mA
3
6
resistance
RDS(off)_HI
High side driver turn-off resistance
VBTST – VPH = 5.5 V, tested at 100 mA
0.7
1.4
Bootstrap refresh comparator
VBTST – VPH when low side refresh pulse
VBTST_REFRESH
4
V
threshold voltage
is requested
PWM LOW SIDE DRIVER (LODRV)
Low side driver (LSD) turn-on
RDS(on)_LO
REGN = 6 V, tested at 100 mA
3
6
resistance
RDS(off)_LO
Low side driver turn-off resistance
REGN = 6 V, tested at 100 mA
0.6
1.2
PWM DRIVERS TIMING
Driver Dead Time — Dead time
when switching between LODRV
30
ns
and HIDRV. No load at LODRV and
HIDRV
PWM OSCILLATOR
FSW
PWM switching frequency
240
300
360
kHz
VRAMP_HEIGHT
PWM ramp height
As percentage of PVCC
6.6
%PVCC
QUIESCENT CURRENT
Total off-state quiescent current into
VBAT = 16.8 V, VACDET < 0.6 V,
IOFF_STATE
pins: SRP, SRN, BAT, BTST, PH,
7
10
µA
VPVCC > 5 V, TJ = 0 to 85°C
PVCC, ACP, ACN
IAC
Adapter quiescent current
VPVCC = 20 V, charge disabled
1
1.5
mA
Total quiescent current into pins:
Adapter present, VACDET>2.4V, charge
IBATQ_CD
100
200
µA
SRP, SRN, BAT, BTST, PH
disabled
INTERNAL SOFT START (8 steps to regulation current)
Soft start steps
8
step
Soft start step time
1.7
ms
CHARGER SECTION POWER-UP SEQUENCING
Delay from when adapter is detected to
Charge-enable delay after power-up
518
700
908
ms
when the charger is allowed to turn on
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :bq24750A


Similar Part No. - BQ24750ARHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI1-BQ24750 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
More results

Similar Description - BQ24750ARHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com