Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC21020F-20MB-E Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TSC21020F-20MB-E
Description  Rad. Hard 32/40-bit IEEE Floating Point DSP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC21020F-20MB-E Datasheet(HTML) 4 Page - ATMEL Corporation

  TSC21020F-20MB-E Datasheet HTML 1Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 2Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 3Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 4Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 5Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 6Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 7Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 8Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
TSC21020F
4153H–AERO–04/07
Development System The TSC21020F is supported with a complete set of software and hardware develop-
ment tools from Analog Devices. The ADSP-21000 Family Development System from
Analog Devices includes development software, an evaluation board and an in-circuit
emulator.
Assembler
Creates relocatable, COFF (Common Object File Format) object files from ADSP-21xxx
assembly source code. It accepts standard C preprocessor directives for conditional
assembly and macro processing. The algebraic syntax of the ADSP-21xxx assembly
language facilitates coding and debugging of DSP algorithms.
Linker/Librarian
The Linker processes separately assembled object files and library files to create a sin-
gle executable program. It assigns memory locations to code and to data in accordance
with a user-defined architecture file that describes the memory and I/O configuration of
the target system. The Librarian allows you to group frequently used object files into a
single library file that can be linked with your main program.
Simulator
The Simulator performs interactive, instruction-level simulation of ADSP-21xxx code
within the hardware configuration described by a system architecture file. It flags illegal
operations and supports full symbolic disassembly. It provides an easy-to-use, window
oriented, graphical user interface that is identical to the one used by the ADSP- 21020
EZ-ICE Emulator. Commands are accessed from pull-down menus with a mouse.
PROM Splitter
Formats an executable file into files that can be used with an industry-standard PROM
programmer.
C Compiler and Runtime
Library
The C Compiler complies with ANSI specifications. It takes advantage of the
TSC21020F's high-level language architectural features and incorporates optimizing
algorithms to speed up the execution of code. It includes an extensive runtime library
with over 100 standard and DSP-specific functions.
C Source Level
Debugger
A full-featured C source level debugger that works with the simulator or EZ-ICE emula-
tor to allow debugging of assembler source, C source, or mixed assembler and C.
Numerical C Compiler
Supports ANSI Standard (X3J11.1) Numerical C as defined by the Numeric C Exten-
sions Group. The compiler accepts C source input containing Numerical C extensions
for array selection, vector math operations, complex data types, circular pointers, and
variably dimensioned arrays, and outputs ADSP-21xxx assembly language source
code.
ADSP- 21020 EZ-LAB®
Evaluation Board
The EZ-LAB Evaluation Board is a general-purpose, standalone TSC21020F system
that includes 32K words of program memory and 32K words of data memory as well as
analog I/O. A PC RS-232 download path enables the user to download and run pro-
grams directly on the EZ-LAB. In addition, it may be used in conjunction with the EZ-ICE
Emulator to provide a powerful software debug environment.
ADSP- 21020 EZ-ICE®
Emulator
This in-circuit emulator provides the system designer with a PC-based development
environment that allows non-intrusive access to the TSC21020F's internal registers
through the processor's 5-pin JTAG Test Access Port. This use of On-chip emulation
circuitry enables reliable, full-speed performance in any target. The emulator uses the
same graphical user interface as the ADSP- 21020 Simulator, allowing an easy transi-


Similar Part No. - TSC21020F-20MB-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC21020F ATMEL-TSC21020F_14 Datasheet
719Kb / 50P
   Off-Chip Harvard Architecture Maximizes Signal Processing Performance
More results

Similar Description - TSC21020F-20MB-E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com