Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51CC02CA-TISIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C51CC02CA-TISIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-TISIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C51CC02CA-TISIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 9Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 10Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 11Page - ATMEL Corporation T89C51CC02CA-TISIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
8
AT/T89C51CC02
4126L–CAN–01/08
Read-Modify-Write
Instructions
Some instructions read the latch data rather than the pin data. The latch based instruc-
tions read the data, modify the data and then rewrite the latch. These are called ’Read-
Modify-Write’ instructions. Below is a complete list of these special instructions (See
Table 1). When the destination operand is a Port or a Port bit, these instructions read
the latch rather than the pin:
It is not obvious that the last three instructions in this list are Read-Modify-Write instruc-
tions. These instructions read the port (all 8 bits), modify the specifically addressed bit
and write the new byte back to the latch. These Read-Modify-Write instructions are
directed to the latch rather than the pin in order to avoid possible misinterpretation of
voltage (and therefore, logic) levels at the pin. For example, a Port bit used to drive the
base of an external bipolar transistor cannot rise above the transistor’s base-emitter
junction voltage (a value lower than VIL). With a logic one written to the bit, attempts by
the CPU to read the Port at the pin are misinterpreted as logic zero. A read of the latch
rather than the pins returns the correct logic one value.
Quasi Bi-directional Port
Operation
Port 1, Port 3 and Port 4 have fixed internal pull-ups and are referred to as ’quasi-bidi-
rectional’ Ports. When configured as an input, the pin impedance appears as logic one
and sources current in response to an external logic zero condition. Resets write logic
one to all Port latches. If logical zero is subsequently written to a Port latch, it can be
returned to input conditions by a logic one written to the latch.
Note:
Port latch values change near the end of Read-Modify-Write insruction cycles. Output
buffers (and therefore the pin state) are updated early in the instruction after Read-Mod-
ify-Write instruction cycle.
Logical zero-to-one transitions in Port 1, Port 3 and Port 4 use an additional pull-up (p1)
to aid this logic transition See Figure 2. This increases switch speed. This extra pull-up
sources 100 times normal internal circuit current during 2 oscillator clock periods. The
internal pull-ups are field-effect transistors rather than linear resistors. Pull-ups consist
of three p-channel FET (pFET) devices. A pFET is on when the gate senses logic zero
and off when the gate senses logic one. pFET #1 is turned on for two oscillator periods
immediately after a zero-to-one transition in the Port latch. A logic one at the Port pin
turns on pFET #3 (a weak pull-up) through the inverter. This inverter and pFET pair form
a latch to drive logic one. pFET #2 is a very weak pull-up switched on whenever the
Table 1. Read/Modify/Write Instructions
Instruction
Description
Example
ANL
Logical AND
ANL P1, A
ORL
Logical OR
ORL P2, A
XRL
Logical EX-OR
XRL P3, A
JBC
Jump if bit = 1 and clear bit
JBC P1.1, LABEL
CPL
Complement bit
CPL P3.0
INC
Increment
INC P2
DEC
Decrement
DEC P2
DJNZ
Decrement and jump if not zero
DJNZ P3, LABEL
MOV Px.y, C
Move carry bit to bit y of Port x
MOV P1.5, C
CLR Px.y
Clear bit y of Port x
CLR P2.4
SET Px.y
Set bit y of Port x
SET P3.3


Similar Part No. - T89C51CC02CA-TISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02CA-TISIM ATMEL-T89C51CC02CA-TISIM Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02CA-TISIM ATMEL-T89C51CC02CA-TISIM Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02CA-TISIM ATMEL-T89C51CC02CA-TISIM Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results

Similar Description - T89C51CC02CA-TISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
AT89C51CC03 ATMEL-AT89C51CC03_06 Datasheet
2Mb / 197P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com