Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C5115 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C5115
Description  Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5115 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C5115 Datasheet HTML 7Page - ATMEL Corporation AT89C5115 Datasheet HTML 8Page - ATMEL Corporation AT89C5115 Datasheet HTML 9Page - ATMEL Corporation AT89C5115 Datasheet HTML 10Page - ATMEL Corporation AT89C5115 Datasheet HTML 11Page - ATMEL Corporation AT89C5115 Datasheet HTML 12Page - ATMEL Corporation AT89C5115 Datasheet HTML 13Page - ATMEL Corporation AT89C5115 Datasheet HTML 14Page - ATMEL Corporation AT89C5115 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
11
AT89C5115
4128G–8051–02/08
T2CON
C8h
Timer/Counter 2
control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2
Mode
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2
Reload/Capture High
byte
RCAP2L
CAh
Timer/Counter 2
Reload/Capture Low
byte
WDTRST
A6h
WatchDog Timer
Reset
WDTPRG
A7h
WatchDog Timer
Program
S2
S1
S0
Table 4. Timers SFRs (Continued)
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
Table 5. Serial I/O Port SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h Slave Address Mask
SADDR
A9h Slave Address
Table 6. PCA SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
CCON
D8h
PCA Timer/Counter
Control
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h
PCA Timer/Counter
Mode
CIDL
CPS1
CPS0
ECF
CL
E9h
PCA Timer/Counter
Low byte
CH
F9h
PCA Timer/Counter
High byte
CCAPM0
CCAPM1
DAh
DBh
PCA Timer/Counter
Mode 0
PCA Timer/Counter
Mode 1
ECOM0
ECOM1
CAPP0
CAPP1
CAPN0
CAPN1
MAT0
MAT1
TOG0
TOG1
PWM0
PWM1
ECCF0
ECCF1
CCAP0H
CCAP1H
FAh
FBh
PCA Compare
Capture Module 0 H
PCA Compare
Capture Module 1 H
CCAP0H7
CCAP1H7
CCAP0H6
CCAP1H6
CCAP0H5
CCAP1H5
CCAP0H4
CCAP1H4
CCAP0H3
CCAP1H3
CCAP0H2
CCAP1H2
CCAP0H1
CCAP1H1
CCAP0H0
CCAP1H0


Similar Part No. - AT89C5115

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5115 ATMEL-AT89C5115 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-RATUM ATMEL-AT89C5115-RATUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-SISUM ATMEL-AT89C5115-SISUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-TISUM ATMEL-AT89C5115-TISUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115 ATMEL-AT89C5115_14 Datasheet
1Mb / 113P
   Full Duplex UART Compatible 80C51
More results

Similar Description - AT89C5115

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com