Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2708C-27Q68 Datasheet(PDF) 6 Page - Intersil Corporation

Part # KAD2708C-27Q68
Description  8-Bit, 275/210/170/105MSPS A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD2708C-27Q68 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button KAD2708C-27Q68 Datasheet HTML 2Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 3Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 4Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 5Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 6Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 7Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 8Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 9Page - Intersil Corporation KAD2708C-27Q68 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6812.0
December 5, 2008
Pin Description
PIN NUMBER
NAME
FUNCTION
1, 14, 18, 20
AVDD2
1.8V Analog Supply
2, 7, 10, 19, 21, 24
AVSS
Analog Supply Return
3
VREF
Reference Voltage Out/In
4
VREFSEL
Reference Voltage Select (0:Int 1:Ext)
5
VCM
Common-Mode Voltage Output
6, 15, 16, 25
AVDD3
3.3V Analog Supply
8, 9
INP, INN
Analog Input Positive, Negative
11-13, 29-36, 37, 39, 42, 46, 48,
50, 53, 54, 56, 58, 62, 63, 67
DNC
Do Not Connect
17
CLKDIV
Clock Divide by Two (Active Low)
22, 23
CLKN, CLKP
Clock Input Complement, True
26, 45, 61
OVSS
Output Supply Return
27, 41, 44, 60
OVDD2
1.8V CMOS Supply
28
RST
Power On Reset (Active Low)
38
D0
LVCMOS Bit 0 (LSB) Output
40
D1
LVCMOS Bit 1 Output
43
CLKOUT
LVCMOS Clock Output
47
D2
LVCMOS Bit 2 Output
49
D3
LVCMOS Bit 3 Output
51
D4
LVCMOS Bit 4 Output
53
D5
LVCMOS Bit 5 Output
55
D6
LVCMOS Bit 6 Output
57
D7
LVCMOS Bit 7 Output
59
OR
Over-Range
64-66
Connect to OVDD2
68
2SC
Two’s Complement Select (Active Low)
Exposed Paddle
AVSS
Analog Supply Return
KAD2708C


Similar Part No. - KAD2708C-27Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2708C-27Q68 ETC2-KAD2708C-27Q68 Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2708C-27Q68 INTERSIL-KAD2708C-27Q68 Datasheet
604Kb / 16P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708C-27Q68 RENESAS-KAD2708C-27Q68 Datasheet
791Kb / 17P
   8-Bit, 275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2708C-27Q68

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
   8-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
   8-Bit, 275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L Datasheet
338Kb / 15P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2710L INTERSIL-KAD2710L Datasheet
346Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710C RENESAS-KAD2710C Datasheet
765Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com