Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24315DSGT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24315DSGT
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24315DSGT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24315DSGT Datasheet HTML 7Page - Texas Instruments BQ24315DSGT Datasheet HTML 8Page - Texas Instruments BQ24315DSGT Datasheet HTML 9Page - Texas Instruments BQ24315DSGT Datasheet HTML 10Page - Texas Instruments BQ24315DSGT Datasheet HTML 11Page - Texas Instruments BQ24315DSGT Datasheet HTML 12Page - Texas Instruments BQ24315DSGT Datasheet HTML 13Page - Texas Instruments BQ24315DSGT Datasheet HTML 14Page - Texas Instruments BQ24315DSGT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TYPICAL APPLICATION CIRCUIT
AC Adapter
VDC
GND
C
IN
1
7
2
5
4
6
8
bq24313
bq24315
bq24080
ChargerIC
SYSTEM
IN
OUT
VBAT
FAULT
CE
C
OUT
C
OUT
R
BAT
R
CE
Host
Controller
R
FAULT
V
PU
R
PU
1
F
m
1
F
m
100kW
47kW
47kW
47kW
R
ILM
DETAILED FUNCTIONAL DESCRIPTION
POWER DOWN
POWER-ON RESET
OPERATION
bq24313
bq24315
www.ti.com............................................................................................................................................... SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008
VOVP = 5.85V, IOCP = 1000mA, BVOVP = 4.35V
Figure 22.
The bq24313 and bq24315 are integrated circuits designed to provide protection to Li-ion batteries from failures
of the charging circuit. The IC continuously monitors the input voltage, the input current and the battery voltage.
For an input overvoltage condition, the IC immediately removes power from the charging circuit by turning off an
internal switch. For an overcurrent condition, it limits the system current at the threshold value, and if the
overcurrent persists, switches the pass element OFF after a blanking period. If the battery voltage rises to an
unsafe level, the IC disconnects power from the charging circuit until the battery voltage returns to an acceptable
value. Additionally, the IC also monitors its own die temperature and switches off if it exceeds 140°C. The input
overcurrent threshold is user-programmable. The IC can be controlled by a processor, and also provides status
information about fault conditions to the host.
The device remains in power down mode when the input voltage at the IN pin is below the undervoltage
threshold UVLO. The FET Q1 connected between IN and OUT pins is off, and the status output, FAULT, is set to
Hi-Z.
The device resets when the input voltage at the IN pin exceeds the UVLO threshold. All internal counters and
other circuit blocks are reset. The IC then waits for duration tDGL(PGOOD) for the input voltage to stabilize. If, after
tDGL(PGOOD), the input voltage and battery voltage are safe, FET Q1 is turned ON. The IC has a soft-start feature
to control the inrush current. The soft-start minimizes the ringing at the input (the ringing occurs because the
parasitic inductance of the adapter cable and the input bypass capacitor form a resonant circuit). Because of the
deglitch time at power-on, if the input voltage rises rapidly to beyond the OVP threshold, the device will not
switch on at all, instead it will go into protection mode and indicate a fault on the FAULT pin.
The device continuously monitors the input voltage, the input current, and the battery voltage as described in
detail in the following sections.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24313 bq24315


Similar Part No. - BQ24315DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24315DSGT TI-BQ24315DSGT Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315DSGTG4 TI-BQ24315DSGTG4 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24315DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com