Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL89412IBZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL89412IBZ-T13
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89412IBZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL89412IBZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL89412IBZ-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6798.0
October 17, 2008
.subckt comp1 out inp inm vss
e1 out vss table { (v(inp) v(inm))* 5000} (0,0) (3.2,3.2)
Rout out vss 10meg
Rinp inp vss 10meg
Rinm inm vss 10meg
.ends comp1
Application Guidelines
It is important to minimize inductance to the power FET by
keeping the output drive current loop as short as possible.
Also, the decoupling capacitor, Cq, should be a high quality
ceramic capacitor with a Q that should be a least 10x the
gate Q of the power FET. A ground plane under this circuit is
also recommended.
In applications where it is difficult to place the driver very
close to the power FET (which may result with excessive
parasitic inductance), it then may be necessary to add an
external gate resistor to dampen the inductive ring. If this
resistor must be too large in value to be effective, then as an
alternative, Schottky diodes can be added to clamp the ring
voltage to V+ or GND.
Where high supply voltage operation is required (15V to
18V), input signals with a minimum of 3.3V input drive is
suggested and a minimum rise/fall time of 100ns. This is
recommended to minimize the internal bias current power
dissipation.
Excessive power dissipation in the driver can result when
driving highly capacitive FET gates at high frequencies.
These gate power losses are defined by Equation 1:
where:
P = Power
Qc = Charge of the Power FET at Vgs
Vgs = Gate drive voltage (V+)
fSW = switching Frequency
Adding a gate resistor to the output of the driver will transfer
some of the driver dissipation to the resistor. Another
possible solution is to lower the gate driver voltage which
also lowers Qc.
FIGURE 14. RECOMMENDED LAYOUT METHODS
GND
V+
Cq
LOOP AS
SHORT AS
POSSIBLE
Cq SHOULD BE AS CLOSE AS
POSSIBLE TO THE V+ AND
GND PINS
FIGURE 15. SUGGESTED CONFIGURATION FOR DRIVING
INDUCTIVE LOADS
GND
V+
Cq
PARASITIC LEAD
INDUCTANCE
P2
Q
C
V
gs
f
SW
=
(EQ. 1)
ISL89410, ISL89411, ISL89412


Similar Part No. - ISL89412IBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89412IBZ-T13 INTERSIL-ISL89412IBZ-T13 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89412IBZ-T13 INTERSIL-ISL89412IBZ-T13 Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Renesas Technology Corp
ISL89412IBZ-T13 RENESAS-ISL89412IBZ-T13 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results

Similar Description - ISL89412IBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com