Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5612P-21Q72 Datasheet(PDF) 11 Page - Intersil Corporation

Part # KAD5612P-21Q72
Description  Dual 12-Bit, 250/210/170/125MSPS A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5612P-21Q72 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button KAD5612P-21Q72 Datasheet HTML 7Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 8Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 9Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 10Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 11Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 12Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 13Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 14Page - Intersil Corporation KAD5612P-21Q72 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
FN6803.0
December 5, 2008
FIGURE 10. POWER vs fSAMPLE IN 3mA LVDS MODE
FIGURE 11. DIFFERENTIAL NONLINEARITY
FIGURE 12. INTEGRAL NONLINEARITY
FIGURE 13. SNR AND SFDR vs VCM
FIGURE 14. NOISE HISTOGRAM
FIGURE 15. SINGLE-TONE SPECTRUM @ 10MHz
Typical Performance Curves All Typical Performance Characteristics apply under the following conditions unless otherwise
noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS, fIN = 105MHz, fSAMPLE = Maximum
Conversion Rate (per speed grade). (Continued)
0
50
100
150
200
250
300
350
400
450
40
70
100
130
160
190
220
250
SAMPLE RATE (MSPS)
0
51 2
102 4 1536
20 48
2560 3072
3584
4096
-1 .5
-1
-0 .5
0
0.5
1
1.5
CO DE
0
51 2
102 4 1536
20 48
2560 3072
3584
4096
-2
-1 .5
-1
-0 .5
0
0.5
1
1.5
2
CO DE
50
55
60
65
70
75
80
85
90
300
400
500
600
700
800
INPUT COMMON MODE (mV)
SNR
SFDR
20 48 2049 20 5 0 2051 2052 20 5 3 2054 205 5 2056 2057
0
500 0
10 00 0
15 00 0
20 00 0
25 00 0
30 00 0
35 00 0
40 00 0
45 00 0
50 00 0
55 00 0
60 00 0
65 00 0
70 00 0
CODE
0
20
40
60
80
100
120
-1 20
-1 00
-80
-60
-40
-20
0
FR EQ UEN CY ( M Hz)
A in = -1.1 dBFS
S NR = 65.1 dBFS
S FDR = 81.3 dBc
S INA D = 65.0 dB FS
KAD5612P


Similar Part No. - KAD5612P-21Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5612P-21Q72 ETC2-KAD5612P-21Q72 Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-21Q72 INTERSIL-KAD5612P-21Q72 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P-21Q72 INTERSIL-KAD5612P-21Q72 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P-21Q72 INTERSIL-KAD5612P-21Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P-21Q72 RENESAS-KAD5612P-21Q72 Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5612P-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com