Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5612P-25Q72 Datasheet(PDF) 1 Page - Intersil Corporation

Part # KAD5612P-25Q72
Description  Dual 12-Bit, 250/210/170/125MSPS A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5612P-25Q72 Datasheet(HTML) 1 Page - Intersil Corporation

  KAD5612P-25Q72 Datasheet HTML 1Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 2Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 3Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 4Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 5Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 6Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 7Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 8Page - Intersil Corporation KAD5612P-25Q72 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
®
FN6803.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FemtoCharge is a trademark of Kenet Inc. Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
KAD5612P
Dual 12-Bit, 250/210/170/125MSPS A/D
Converter
The KAD5612P is a family of low-power, high-performance,
dual-channel 12-bit, analog-to-digital converters. Designed
with FemtoCharge™ technology on a standard CMOS
process, the family supports sampling rates of up to
250MSPS. The KAD5612P-25 is the fastest member of this
pin-compatible family, which also features sample rates of
210MSPS (KAD5612P-21), 170MSPS (KAD5612P-17) and
125MSPS (KAD5612P-12).
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of gain, skew and offset
matching between the two converter cores.
Digital output data is presented in selectable LVDS or CMOS
formats. The KAD5612P is available in a 72-contact QFN
package with an exposed paddle. Performance is specified
over the full industrial temperature range (-40°C to +85°C).
Features
• Programmable Gain, Offset and Skew control
• 1.3GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Over-Range Indicator
• Selectable Clock Divider:
÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)
Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
• WiMAX and Microwave Receivers
Key Specifications
• SNR = 65.1dBFS for fIN = 124MHz (-1dBFS)
• SFDR = 80dBc for fIN = 124MHz (-1dBFS)
• Power consumption
- 405mW @ 250MSPS
- 324mW @ 125MSPS
Digital
Error
Correction
SHA
1.25V
AINP
AINN
12-bit
250MSPS
ADC
SHA
BINP
BINN
12-bit
250MSPS
ADC
VREF
CLKP
CLKN
SPI
Control
VREF
CLKOUTP
CLKOUTN
D[11:0]P
D[11:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
Clock
Generation
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
KAD5612P-25
12
250
KAD5612P-21
12
210
KAD5612P-17
12
170
KAD5612P-12
12
125
KAD5610P-25
10
250
KAD5610P-21
10
210
KAD5610P-17
10
170
KAD5610P-12
10
125
Data Sheet
December 5, 2008


Similar Part No. - KAD5612P-25Q72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5612P-25Q72 ETC2-KAD5612P-25Q72 Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P-25Q72 RENESAS-KAD5612P-25Q72 Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5612P-25Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com