Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6341BIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6341BIRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341BIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6341BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 9Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 10Page - Intersil Corporation ISL6341BIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6538.2
December 2, 2008
.
From t1, there is a nominal 4ms delay, which allows the VCC
pin to rise. At the same time, the LGATE/OCSET pin is
initialized by disabling the LGATE driver and drawing IOCSET
(nominal 10µA) through ROCSET. This sets up a voltage that
will represent the OCSET trip point for the OCP sample and
hold operation. The sample and hold uses a digital counter and
DAC (to save the voltage so the stored value does not degrade)
for as long as the VCC is above VPOR. See “Overcurrent
Protection (OCP)” on page 8 for more details on the equations
and variables. Upon the completion of sample and hold at t2,
the soft-start operation is initiated (around 0.8ms delay to t3),
and then around 4ms for the output voltage to ramp up (0% to
100%) between t3 and t4. The PGOOD output is allowed to go
high at t4 if VOS (and thus VOUT) is within the PGOOD
window.
Soft-Start and Pre-Biased Outputs
Functionally, the soft-start internally ramps the reference on the
non-inverting terminal of the error amp from zero to 0.8V in a
nominal 4ms. The output voltage will thus follow the ramp, from
zero to final value, in the same 4ms. The ramp is created
digitally, so there will be small discrete steps. There is no simple
way to change this ramp rate externally, as it is fixed by the
300kHz (or 600kHz) switching frequency (and the ramp and
delay time is the same for both frequencies).
After an initialization period (t2 to t3), the error amplifier
(COMP/EN pin) is enabled, and begins to regulate the
converter’s output voltage during soft-start. The oscillator’s
triangular waveform is compared to the ramping error amplifier
voltage. This generates PHASE pulses of increasing width that
charge the output capacitors. When the internally generated
soft-start voltage exceeds the reference voltage (0.8V), the
soft-start is complete, and the output should be in regulation at
the expected voltage. This method provides a rapid and
controlled output voltage rise; there is no large in-rush current
charging the output capacitors. The entire start-up sequence
from POR typically takes 9ms; 5ms for the delay and OCP
sample, and 4ms for the soft-start ramp.
Figure 3 shows the normal VOUT curve in blue; initialization
begins at t0, and the output ramps between t1 and t2. If the
output is pre-biased to a voltage less than the expected
value (as shown by the magenta curve), the ISL6341x will
detect that condition. Neither MOSFET will turn-on until the
soft-start ramp voltage exceeds the output; VOUT starts
seamlessly ramping from there.
There is a restriction for the pre-bias case; if the pre-biased
VOUT is greater than VGD, then the boot cap may get
discharged, and will not be able to restart. For example, if
VIN = 12V, VOUT = 8V and prebiased to 6V, and VGD is only
5V, then the voltage left on the boot cap (to UGATE) will not
be able to turn on the upper FET. The simple solution here is
to use the 12V for VGD. The guideline is to make VGD -
diode - Vth upper FET > VOUT to prevent this condition.
If the output is pre-biased to a voltage above the expected
value (as in the red curve), neither MOSFET will turn-on until
the end of the soft-start, at which time it will pull the output
voltage quickly down to the final value. Any resistive load
connected to the output will help pull-down the voltage (at
the RC rate of the R of the load and the C of the output
capacitance).
One exception to the overcharged case is if the pre-bias is
high enough to trip OV protection (>1V on VOS); then
LGATE will pulse to try to pull VOUT lower. The IC will remain
latched in this mode until VCC power is toggled.
If the VIN to the upper MOSFET drain (or the VGD voltage to
the boot diode) is from a different supply that comes up after
VCC, the soft-start would start its cycle, but with no output
voltage ramp. Once the undervoltage protection is enabled
(at the end of the soft-start ramp), the output will latch off.
Therefore, for normal operation, VIN (and VGD) must be high
enough before or with VCC. If this is not possible, then the
alternative is add sequencing logic to the COMP/EN pin to
delay the soft-start until the VIN (and VGD) supply is ready
(see “Input Voltage Considerations” on page 12).
LGATE
STARTS
SWITCHING
4.0ms
VOUT
(0.25V/DIV)
GND>
GND>
GND>
GND>
t0
t1
t2
t3
t4
0.8ms
4.0ms
COMP/EN (0.25V/DIV)
0.25V/DIV
LGATE/OCSET
0.7V
PGOOD (2V/DIV)
FIGURE 2. LGATE/OCSET AND SOFT-START OPERATION
FIGURE 3. SOFT-START WITH PRE-BIAS
GND>
VOUT NORMAL
GND>
GND>
VOUT PRE-BIASED
VOUT OVERCHARGED
t0
t1
t2
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341BIRZ INTERSIL-ISL6341BIRZ Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341BIRZ RENESAS-ISL6341BIRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com