Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12022MIBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL12022MIBZ
Description  Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL12022MIBZ Datasheet HTML 1Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
FN6668.4
December 18, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT pins
(Respect to Ground). . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
20 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 2). . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. The ISL12022M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on the reflow
temperature and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and time as short as possible.
Changes on the order of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics - RTC
Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10)
TYP
(Note 6)
MAX
(Note 10)
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
3
IDD1
Supply Current. (I2C Not Active,
Temperature Conversion Not Active, FOUT
Not Active)
VDD = 5V
4.1
7
µA
4, 5
VDD = 3V
3.5
6
µA
4, 5
IDD2
Supply Current. (I2C Active, Temperature
Conversion Not Active, Fout Not Active)
VDD = 5V
200
500
µA
4, 5
IDD3
Supply Current. (I2C Not Active,
Temperature Conversion Active, FOUT Not
Active)
VDD = 5V
120
400
µA
4, 5
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA = +25°C
1.0
1.6
µA
4
VDD = 0V, VBAT = 3V
1.0
5.0
µA
4
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
8
VBATHYS VBAT Hysteresis
50
mV
8
ΔFout
T
Oscillator Stability vs Temperature
VDD = 3.3V
-5
+5
ppm
2
ΔFoutV
Oscillator Stability vs Voltage
2.7V
≤ VDD ≤ 5.5V
-3
+3
ppm
ΔFoutI
Oscillator Initial Accuracy
VDD = 3.3V
-3
+3
ppm
2
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
8
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
ISL12022M


Similar Part No. - ISL12022MIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MIBZ RENESAS-ISL12022MIBZ Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ RENESAS-ISL12022MIBZ Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T INTERSIL-ISL12022MIBZ-T Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12022MIBZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
359Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC RENESAS-ISL12024IRTC Datasheet
974Kb / 24P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
Intersil Corporation
ISL12024 INTERSIL-ISL12024 Datasheet
395Kb / 25P
   Real-Time Clock/Calendar with Embedded Unique ID
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
   Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com