Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54060IRTZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54060IRTZ-T
Description  1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060IRTZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54060IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6580.0
December 19, 2008
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7.0V
Input Voltages
NOx, NCx (Note 5) . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
INx (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Output Voltages
COMx (Note 5) . . . . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
Continuous Current NOx, NCx, or COMx . . . . . . . . . . . . . . ±300mA
Peak Current NOx, NCx, or COMx
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . ±500mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>400V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 TDFN Package (Notes 6 and 8)
52
18
10 Ld µTQFN Package (Note 7) . . . . .
154
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Supply Range . . . . . . . . . . . . . . . . . . . . . . . . +1.8V to +6.5V
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . (V+ - 6.5)V to V+
AUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Signals on NC, NO, IN, or COM exceeding V+ or GND by the specified amount are clamped by internal diodes. Limit forward diode current to
maximum current ratings.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5)
to V+, (See Figure 4)
25
-
0.52
-
Ω
Full
-
0.68
-
Ω
rON Matching Between Channels,
ΔRON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = Voltage
at max rON, (Note 13)
25
-
10
-
m
Ω
Full
-
13.1
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5)
to V+, (Note 12)
25
-
0.11
-
Ω
Full
-
0.14
-
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5V, VCOM = -1.5V, 5V, VNO or VNC = 5V,
-1.5V
25
-
-8.13
-
nA
Full
-
-0.4
-
µA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5V, V
COM = -1.5V, 5V, VNO or VNC = Float
25
-
-4.42
-
nA
Full
-
-0.33
-
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
35
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
10
-
ns
Full
-
15
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (see Figure 2)
25
-
170
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 3)
25
-
60
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(see Figure 5)
25
-
-75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω
25
-
0.02
-
%
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
35
-
MHz
NO x or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 6)
25
-
36
-
pF
COMx ON Capacitance, CCOM(ON) f = 1MHz (See Figure 6)
25
-
100
-
pF
ISL54060, ISL54061


Similar Part No. - ISL54060IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060IRTZ-T RENESAS-ISL54060IRTZ-T Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results

Similar Description - ISL54060IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com