Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24103ARHLRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24103ARHLRG4
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24103ARHLRG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24103ARHLRG4 Datasheet HTML 1Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 2Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 3Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 4Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 5Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 6Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 7Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 8Page - Texas Instruments BQ24103ARHLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
bq24100
,, bq24103,, bq24103A
bq24104, bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
SLUS606N – JUNE 2004 – REVISED NOVEMBER 2008 .................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
CHARGE REGULATION VOLTAGE (V)
INTENDED APPLICATION
PART NUMBER(2)(3)
MARKINGS
bq24100RHLR
CIA
4.2 V
Stand-alone
bq24100RHLT
CIA
bq24103RHLR
CID
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
bq24103RHLT
CID
bq24103ARHLR
CKO
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
bq24103ARHLT
CKO
bq24104RHLR
NXW
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
(Blinking status pins)
bq24104RHLT
NXW
bq24105RHLR
CIF
–40°C to 125°C
Externally programmable (2.1 V to 15.5 V)
Stand-alone
bq24105RHLT
CIF
bq24108RHLR
CIU
4.2 V (Blinking status pins)
Stand-alone
bq24109RHLR
CDY
bq24113RHLR
CIJ
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
System-controlled
bq24113RHLT
CIJ
bq24113ARHLR
CKF
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
System-controlled
bq24113ARHLT
CKF
bq24115RHLR
CIL
Externally programmable (2.1 V to 15.5 V)
System-controlled
bq24115RHLT
CIL
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RHL package is available in the following options:
T – taped and reeled in quantities of 250 devices per reel
R – taped and reeled in quantities of 3000 devices per reel
(3)
This product is RoHS-compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes.
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage range (with respect to VSS)
IN, VCC
20 V
STAT1, STAT2, PG, CE, CELLS, SNS, BAT
–0.3 V to 20 V
OUT
–0.7 V to 20 V
Input voltage range (with respect to VSS and PGND) CMODE, TS, TTC
7 V
VTSB
3.6 V
ISET1, ISET2
3.3 V
Voltage difference between SNS and BAT inputs (VSNS – VBAT)
±1 V
Output sink
STAT1, STAT2, PG
10 mA
Output current (average)
OUT
2.2 A
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Junction temperature range
–40°C to 125°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - BQ24103ARHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24103ARHLRG4 TI1-BQ24103ARHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24103ARHLRG4 TI1-BQ24103ARHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24103ARHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com