Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMC9-65608EV-30-E Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MMC9-65608EV-30-E
Description  Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MMC9-65608EV-30-E Datasheet(HTML) 3 Page - ATMEL Corporation

  MMC9-65608EV-30-E Datasheet HTML 1Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 2Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 3Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 4Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 5Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 6Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 7Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 8Page - ATMEL Corporation MMC9-65608EV-30-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
M65608E
4151M–AERO–07/07
Pin Description
Table 1. Pin Names
Table 2. Truth Table
Note:
L = low, H = high, X = H or L, Z = high impedance.
Names
Description
A0 - A16
Address inputs
I/O0 - I/O7
Data Input/Output
CS1
Chip select 1
CS2
Chip select 2
WE
Write Enable
OE
Output Enable
VCC
Power
GND
Ground
CS1
CS2
W
OE
Inputs/
Outputs
Mode
H
X
X
X
Z
Deselect/
Power-down
X
L
X
X
Z
Deselect/
power-down
L
H
H
L
Data Out
Read
L
H
L
X
Data In
Write
L
H
H
H
Z
Output
Disable


Similar Part No. - MMC9-65608EV-30-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MMC9-65608EV-30-E ATMEL-MMC9-65608EV-30-E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
MMC9-65608EV-30-E ATMEL-MMC9-65608EV-30-E Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
More results

Similar Description - MMC9-65608EV-30-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65608E ATMEL-M65608E_09 Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com