Part Name
         Description
M65609E_07

 Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM ( 14 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 2 page
background image
2
M65609E
4158I–AERO–07/07
Block Diagram
Pin Configuration
32 pins Flatpack 400 MILS
Pin Description
Name
Description
A0 - A16
Address Inputs
I/O1 - I/O8
Data Input/Output
CS1
Chip Select 1
CS2
Chip Select 2
WE
Write Enable
OE
Output Enable
VCC
Power
GND
Ground



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M65609ERad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM 1 2 3 4 5 MoreATMEL Corporation
AT60142FRad Hard 512K x 8 Very Low Power CMOS SRAM 1 2 3 4 5 MoreATMEL Corporation
BS62LV1027_06Very Low Power CMOS SRAM 128K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2016_06Very Low Power CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV2019_06Very Low Power CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
M65608E_07Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM 1 2 3 4 5 MoreATMEL Corporation
BS616LV1010_06Very Low Power CMOS SRAM 64K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV1611_06Very Low Power CMOS SRAM 1M X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616UV2019_06Ultra Low Power CMOS SRAM 128K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4017_06Very Low Power CMOS SRAM 256K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl