Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT80C51RD2-RLTUL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT80C51RD2-RLTUL
Description  80C51 High Performance ROM 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RD2-RLTUL Datasheet(HTML) 1 Page - ATMEL Corporation

  AT80C51RD2-RLTUL Datasheet HTML 1Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 2Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 3Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 4Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 5Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 6Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 7Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 8Page - ATMEL Corporation AT80C51RD2-RLTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Features
80C52 Compatible
– Four 8-bit I/O Ports
– Three 16-bit Timer/Counters
– 256 Bytes Scratch Pad RAM
– 8 Interrupt Sources with 4 Priority Levels
– Dual Data Pointer
Variable Length MOVX for Slow RAM/Peripherals
High-speed Architecture
– 10 to 40 MHz in Standard Mode
16K/32K Bytes On-Chip ROM Program
T80C51RD2 ROMless Versions
On-Chip 1024 bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024 bytes)
– 256 Bytes Selected at Reset for AT87C51RB2/RC2 Compatibility
Keyboard Interrupt Interface on Port P1
8-bit Clock Prescaler
64K Program and Data Memory Spaces
Improved X2 Mode with Independant Selection for CPU and Each Peripheral
Programmable Counter Array 5 Channels with:
– High-speed Output
– Compare/Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
Asynchronous Port Reset
Full Duplex Enhanced UART
Dedicated Baud Rate Generator for UART
Low EMI (Inhibit ALE)
Hardware Watchdog Timer (One-time Enabled with Reset-out)
Power Control Modes
– Idle Mode
– Power-down Mode
– Power-off Flag
Power Supply: 2.7V to 5.5V or 2.7V to 3.6V
Temperature Ranges: Commercial (0 to +70°C) and Industrial (-40°C to +85°C)
Packages: PDIL40, PLCC44, VQFP44
80C51 High
Performance
ROM 8-bit
Microcontroller
AT80C51RD2
AT83C51RB2
AT83C51RC2


Similar Part No. - AT80C51RD2-RLTUL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AT80C51RD2-RLTUL IRF-AT80C51RD2-RLTUL Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT80C51RD2-RLTUL ATMEL-AT80C51RD2-RLTUL Datasheet
1Mb / 83P
   80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2-RLTUL ATMEL-AT80C51RD2-RLTUL Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Similar Description - AT80C51RD2-RLTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_05 Datasheet
1Mb / 83P
   80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2 ATMEL-AT80C51RD2_09 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com