Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87C5103-IBSAL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT87C5103-IBSAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-IBSAL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT87C5103-IBSAL Datasheet HTML 5Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 6Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 7Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 8Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 9Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 10Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 11Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 12Page - ATMEL Corporation AT87C5103-IBSAL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
4134D–8051–02/08
Table 2. CKCON1 Register
CKCON1 (S:AFh)
Clock Control Register
Note:
1. This control bit is validated when the CPU clock bit X2 is set; when X2 is low, this bit
has no effect.
Reset Value = XXXX XXX0b
7
6
5
4
3
2
1
0
SPIX2
Bit
Number
Bit
Mnemonic Description
7
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
SPIX2
SPI clock (1)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.


Similar Part No. - AT87C5103-IBSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103-IBSAL ATMEL-AT87C5103-IBSAL Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103-IBSAL ATMEL-AT87C5103-IBSAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT87C5103-IBSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com