Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP216-20SU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89LP216-20SU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216-20SU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89LP216-20SU Datasheet HTML 1Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 2Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 3Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 4Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 5Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 6Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 7Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 8Page - ATMEL Corporation AT89LP216-20SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
3
3621C–MICRO–6/08
AT89LP216
3.
Pin Description
Table 3-1.
Pin Description
Pin
Symbol
Type
Description
1P1.5
I/O
I/O
I
P1.5: User-configurable I/O Port 1 bit 5.
MOSI: SPI master-out/slave-in. When configured as master, this pin is an output. When configured as slave, this pin
is an input.
GPI5: General-purpose Interrupt input 5.
2P1.7
I/O
I/O
I
P1.7: User-configurable I/O Port 1 bit 7.
SCK: SPI Clock. When configured as master, this pin is an output. When configured as slave, this pin is an input.
GPI7: General-purpose Interrupt input 7.
3P1.3
I/O
I
I
I
P1.3: User-configurable I/O Port 1 bit 3 (if Reset Fuse is disabled).
RST: External Active-Low Reset input (if Reset Fuse is enabled, see Section 10.3 “External Reset” on page 15)
GPI3: General-purpose Interrupt input 3.
DCL: Serial Clock input for On-Chip Debug Interface when OCD is enabled.
4
GND
I
Ground
5P1.2
I/O
I
P1.2: User-configurable I/O Port 1 bit 2.
GPI2: General-purpose Interrupt input 2.
6P3.0
I/O
I
P3.0: User-configurable I/O Port 3 bit 0.
RXD: Serial Port Receiver Input.
7P3.4
I/O
I/O
P3.4: User-configurable I/O Port 3 bit 4.
T0: Timer/Counter 0 External Input or PWM Output.
8P3.2
I/O
I
I/O
P3.2: User-configurable I/O Port 3 bit 2.
XTAL1: Input to the inverting oscillator amplifier and internal clock generation circuits. It may be used as a port pin if
the internal RC oscillator is selected as the clock source.
DDA: Serial Data input/output for On-Chip Debug Interface when OCD is enabled and the internal RC oscillator is
selected as the clock source.
9P3.3
I/O
O
O
I/O
P3.3: User-configurable I/O Port 3 bit 3.
XTAL2: Output from inverting oscillator amplifier. It may be used as a port pin if the internal RC oscillator is selected
as the clock source.
CLKOUT: When the internal RC oscillator is selected as the clock source, may be used to output the internal clock
divided by 2.
DDA: Serial Data input/output for On-Chip Debug Interface when OCD is enabled and the external clock is selected
as the clock source.
10
P3.5
I/O
I/O
P3.5: User-configurable I/O Port 3 bit 5.
T1: Timer/Counter 1 External input or PWM output.
11
P3.1
I/O
O
P3.1: User-configurable I/O Port 3 bit 1.
TXD: Serial Port Transmitter Output.
12
VDD
I
Supply Voltage
13
P1.0
I/O
I
I
P1.0: User-configurable I/O Port 1 bit 0.
AIN0: Analog Comparator Positive input.
GPI0: General-purpose Interrupt input 0.
14
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
AIN1: Analog Comparator Negative input.
GPI1: General-purpose Interrupt input 1
15
P1.4
I/O
I
I
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI slave select input.
GPI4: General-purpose Interrupt input 4.
16
P1.6
I/O
I/O
I
P1.6: User-configurable I/O Port 1 bit 6.
MISO: SPI master-in/slave-out. When configured as master, this pin is an input. When configured as slave, this pin
is an output.
GPI6: General-purpose Interrupt input 6.


Similar Part No. - AT89LP216-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216-20SU ATMEL-AT89LP216-20SU Datasheet
1Mb / 90P
   Microcontroller with 2K Bytes Flash
AT89LP216-20SU ATMEL-AT89LP216-20SU Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89LP216-20SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com