Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233-EP
Description  3.3-V CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233-EP Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD233-EP Datasheet HTML 1Page - Texas Instruments SN65HVD233-EP Datasheet HTML 2Page - Texas Instruments SN65HVD233-EP Datasheet HTML 3Page - Texas Instruments SN65HVD233-EP Datasheet HTML 4Page - Texas Instruments SN65HVD233-EP Datasheet HTML 5Page - Texas Instruments SN65HVD233-EP Datasheet HTML 6Page - Texas Instruments SN65HVD233-EP Datasheet HTML 7Page - Texas Instruments SN65HVD233-EP Datasheet HTML 8Page - Texas Instruments SN65HVD233-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DESCRIPTION (CONTINUED)
SN65HVD233-EP
SLLS944 – NOVEMBER 2008............................................................................................................................................................................................ www.ti.com
This device has limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
If the common-mode range is restricted to the ISO-11898 Standard range of –2 V to 7 V, up to 120 nodes may
be connected on a bus. This transceiver interfaces the single-ended CAN controller with the differential CAN bus
found in industrial, building automation, and automotive applications.
The RS (pin 8) of the SN65HVD233 provides for three modes of operation: high-speed, slope control, or
low-power standby mode. The high-speed mode of operation is selected by connecting RS directly to ground,
allowing the driver output transistors to switch on and off as fast as possible with no limitation on the rise and fall
slope. The rise and fall slope can be adjusted by connecting a resistor to ground at RS, since the slope is
proportional to the pin's output current. Slope control is implemented with a resistor value of 10 k
Ω to achieve a
slew rate of
≈ 15 V/µs and a value of 100 kΩ to achieve ≈ 2.0 V/µs slew rate. For more information about slope
control, refer to the application information section.
The SN65HVD233 enters a low-current standby mode during which the driver is switched off and the receiver
remains active if a high logic level is applied to RS. The local protocol controller reverses this low-current standby
mode when it needs to transmit to the bus.
A logic high on the loopback LBK (pin 5) of the SN65HVD233 places the bus output and bus input in a
high-impedance state. The remaining circuit remains active and available for driver to receiver loopback,
self-diagnostic node functions without disturbing the bus.
AVAILABLE OPTIONS
SLOPE
DIAGNOSTIC
AUTOBAUD
PART NUMBER
LOW POWER MODE
CONTROL
LOOPBACK
LOOPBACK
SN65HVD233
200-
µA standby mode
Adjustable
Yes
No
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SOIC – D
Reel of 2500
SN65HVD233MDREP
H233EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233-EP


Similar Part No. - SN65HVD233-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V Automotive CAN Bus Transceivers
More results

Similar Description - SN65HVD233-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com