Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233-EP
Description  3.3-V CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233-EP Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD233-EP Datasheet HTML 1Page - Texas Instruments SN65HVD233-EP Datasheet HTML 2Page - Texas Instruments SN65HVD233-EP Datasheet HTML 3Page - Texas Instruments SN65HVD233-EP Datasheet HTML 4Page - Texas Instruments SN65HVD233-EP Datasheet HTML 5Page - Texas Instruments SN65HVD233-EP Datasheet HTML 6Page - Texas Instruments SN65HVD233-EP Datasheet HTML 7Page - Texas Instruments SN65HVD233-EP Datasheet HTML 8Page - Texas Instruments SN65HVD233-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD233-EP
SLLS944 – NOVEMBER 2008............................................................................................................................................................................................ www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
CANH
2.45
VCC
Bus output voltage
VO(D)
D = 0 V, RS = 0 V, See Figure 1 and Figure 2
V
(Dominant)
CANL
0.5
1.25
CANH
2.3
Bus output voltage
VO
D = 3 V, RS = 0 V, See Figure 1 and Figure 2
V
(Recessive)
CANL
2.3
D = 0 V, RS = 0 V, See Figure 1 and Figure 2
1.5
2
3
VOD(D)
Differential output voltage (Dominant)
V
D = 0 V, RS = 0 V, See Figure 2 and Figure 3
1.2
2
3
D = 3 V, RS = 0 V, See Figure 1 and Figure 2
–120
12
mV
VOD
Differential output voltage (Recessive)
D = 3 V, RS = 0 V, No load
–0.5
0.05
V
VOC(pp)
Peak-to-peak common-mode output voltage
See Figure 9
1
V
IIH
High-level input current
D,LBK
D = 2 V
–30
30
µA
IIL
Low-level input current
D, LBK
D = 0.8 V
–30
30
µA
VCANH = –7 V, CANL Open, See Figure 12
–250
VCANH = 12 V, CANL Open, See Figure 12
1
IOS
Short-circuit output current
mA
VCANL = –7 V, CANH Open, See Figure 12
–1
VCANL = 12 V, CANH Open, See Figure 12
250
CO
Output capacitance
See receiver input capacitance
IIRs(s)
RS input current for standby
RS = 0.75 VCC
–10
µA
Standby
RS = VCC, D = VCC, LBK = 0 V
200
600
µA
D = 0 V, No load, LBK = 0 V,
Dominant
6
ICC
Supply current
RS = 0 V
mA
D = VCC, No load, LBK = 0 V,
Recessive
6
RS = 0 V
(1)
All typical values are at 25°C and with a 3.3 V supply.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233-EP


Similar Part No. - SN65HVD233-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V Automotive CAN Bus Transceivers
More results

Similar Description - SN65HVD233-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Texas Instruments
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com