Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51AC2-RLTUM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51AC2-RLTUM
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2-RLTUM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51AC2-RLTUM Datasheet HTML 7Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 8Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 9Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 10Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 11Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 12Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 13Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 14Page - ATMEL Corporation AT89C51AC2-RLTUM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
11
A/T89C51AC2
4127H–8051–02/08
T2CON
C8h
Timer/Counter 2
control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2
Mode
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2
Reload/Capture High
byte
RCAP2L
CAh
Timer/Counter 2
Reload/Capture Low
byte
WDTRST
A6h
Watchdog Timer
Reset
WDTPRG
A7h
Watchdog Timer
Program
S2
S1
S0
Table 5. Timers SFRs (Continued)
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
Table 6. Serial I/O Port SFRs
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h Slave Address Mask
SADDR
A9h Slave Address
Table 7. PCA SFRs
Mnemonic Add
Name
7
6
5
4
3
2
1
0
CCON
D8h PCA Timer/Counter Control
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h PCA Timer/Counter Mode
CIDL
WDTE
CPS1
CPS0
ECF
CL
E9h PCA Timer/Counter Low byte
CH
F9h PCA Timer/Counter High byte
CCAPM0
CCAPM1
CCAPM2
CCAPM3
CCAPM4
DAh
DBh
DCh
DDh
DEh
PCA Timer/Counter Mode 0
PCA Timer/Counter Mode 1
PCA Timer/Counter Mode 2
PCA Timer/Counter Mode 3
PCA Timer/Counter Mode 4
ECOM0
ECOM1
ECOM2
ECOM3
ECOM4
CAPP0
CAPP1
CAPP2
CAPP3
CAPP4
CAPN0
CAPN1
CAPN2
CAPN3
CAPN4
MAT0
MAT1
MAT2
MAT3
MAT4
TOG0
TOG1
TOG2
TOG3
TOG4
PWM0
PWM1
PWM2
PWM3
PWM4
ECCF0
ECCF1
ECCF2
ECCF3
ECCF4
CCAP0H
CCAP1H
CCAP2H
CCAP3H
CCAP4H
FAh
FBh
FCh
FDh
FEh
PCA Compare Capture Module 0 H
PCA Compare Capture Module 1 H
PCA Compare Capture Module 2 H
PCA Compare Capture Module 3 H
PCA Compare Capture Module 4 H
CCAP0H7
CCAP1H7
CCAP2H7
CCAP3H7
CCAP4H7
CCAP0H6
CCAP1H6
CCAP2H6
CCAP3H6
CCAP4H6
CCAP0H5
CCAP1H5
CCAP2H5
CCAP3H5
CCAP4H5
CCAP0H4
CCAP1H4
CCAP2H4
CCAP3H4
CCAP4H4
CCAP0H3
CCAP1H3
CCAP2H3
CCAP3H3
CCAP4H3
CCAP0H2
CCAP1H2
CCAP2H2
CCAP3H2
CCAP4H2
CCAP0H1
CCAP1H1
CCAP2H1
CCAP3H1
CCAP4H1
CCAP0H0
CCAP1H0
CCAP2H0
CCAP3H0
CCAP4H0


Similar Part No. - AT89C51AC2-RLTUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2-RLTUM ATMEL-AT89C51AC2-RLTUM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - AT89C51AC2-RLTUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
logo
NXP Semiconductors
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com