Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV802D-70TU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV802D-70TU
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802D-70TU Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV802D-70TU Datasheet HTML 1Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 2Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 3Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 4Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 5Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 6Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 7Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 8Page - ATMEL Corporation AT49BV802D-70TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
3626A–FLASH–2/07
AT49BV802D(T)
4.3
Reset
A RESET input pin is provided to ease some system applications. When RESET is at a logic
high level, the device is in its standard operating mode. A low level on the RESET input halts the
present device operation and puts the outputs of the device in a high impedance state. When a
high level is reasserted on the RESET pin, the device returns to the read or standby mode,
depending upon the state of the control inputs.
4.4
Erasure
Before a byte/word can be reprogrammed, it must be erased. The erased state of memory bits is
a logical “1”. The entire device can be erased by using the Chip Erase command or individual
sectors can be erased by using the Sector Erase command.
4.4.1
Chip Erase
The entire device can be erased at one time by using the six-byte chip erase software code.
After the chip erase has been initiated, the device will internally time the erase operation so that
no external clocks are required. The maximum time to erase the chip is t
EC.
If the sector lockdown has been enabled, the chip erase will not erase the data in the sector that
has been locked out; it will erase only the unprotected sectors. After the chip erase, the device
will return to the read or standby mode.
4.4.2
Sector Erase
As an alternative to a full chip erase, the device is organized into 23 sectors (SA0 - SA22) that
can be individually erased. The Sector Erase command is a six-bus cycle operation. The sector
address is latched on the falling WE edge of the sixth cycle while the 30H data input command is
latched on the rising edge of WE. The sector erase starts after the rising edge of WE of the sixth
cycle. The erase operation is internally controlled; it will automatically time to completion. The
maximum time to erase a sector is t
SEC. When the sector programming lockdown feature is not
enabled, the sector will erase (from the same Sector Erase command). An attempt to erase a
sector that has been protected will result in the operation terminating immediately.
4.5
Byte/Word Programming
Once a memory block is erased, it is programmed (to a logical “0”) on a byte-by-byte or on a
word-by-word basis. Programming is accomplished via the internal device command register
and is a four-bus cycle operation. The device will automatically generate the required internal
program pulses.
Any commands written to the chip during the embedded programming cycle will be ignored. If a
hardware reset happens during programming, the data at the location being programmed will be
corrupted. Please note that a data “0” cannot be programmed back to a “1”; only erase opera-
tions can convert “0”s to “1”s. Programming is completed after the specified t
BP cycle time. The
Data Polling feature or the Toggle Bit feature may be used to indicate the end of a program
cycle. If the erase/program status bit is a “1”, the device was not able to verify that the erase or
program operation was performed successfully.


Similar Part No. - AT49BV802D-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV802D-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com