Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV802DT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49BV802DT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802DT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49BV802DT Datasheet HTML 3Page - ATMEL Corporation AT49BV802DT Datasheet HTML 4Page - ATMEL Corporation AT49BV802DT Datasheet HTML 5Page - ATMEL Corporation AT49BV802DT Datasheet HTML 6Page - ATMEL Corporation AT49BV802DT Datasheet HTML 7Page - ATMEL Corporation AT49BV802DT Datasheet HTML 8Page - ATMEL Corporation AT49BV802DT Datasheet HTML 9Page - ATMEL Corporation AT49BV802DT Datasheet HTML 10Page - ATMEL Corporation AT49BV802DT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
3626A–FLASH–2/07
AT49BV802D(T)
4.6.3
Erase/Program Status Bit
The device offers a status bit on I/O5, which indicates whether the program or erase operation
has exceeded a specified internal pulse count limit. If the status bit is a “1”, the device is unable
to verify that an erase or a byte/word program operation has been successfully performed. If a
program (Sector Erase) command is issued to a protected sector, the protected sector will not
be programmed (erased). The device will go to a status read mode and the I/O5 status bit will be
set high, indicating the program (erase) operation did not complete as requested. Once the
erase/program status bit has been set to a “1”, the system must write the Product ID Exit com-
mand to return to the read mode. The erase/program status bit is a “0” while the erase or
program operation is still in progress. Please see “Status Bit Table” on page 12 for more details.
4.7
Sector Lockdown
Each sector has a programming lockdown feature. This feature prevents programming of data in
the designated sectors once the feature has been enabled. These sectors can contain secure
code that is used to bring up the system. Enabling the lockdown feature will allow the boot code
to stay in the device while data in the rest of the device is updated. This feature does not have to
be activated; any sector’s usage as a write-protected region is optional to the user.
At power-up or reset, all sectors are unlocked. To activate the lockdown for a specific sector, the
six-bus cycle Sector Lockdown command must be issued. Once a sector has been locked down,
the contents of the sector is read-only and cannot be erased or programmed.
4.7.1
Sector Lockdown Detection
A software method is available to determine if programming of a sector is locked down. When
the device is in the software product identification mode (see “Software Product Identification
Entry/Exit” sections on page 24), a read from address location 00002H within a sector will show
if programming the sector is locked down. If the data on I/O0 is low, the sector can be pro-
grammed; if the data on I/O0 is high, the program lockdown feature has been enabled and the
sector cannot be programmed. The software product identification exit code should be used to
return to standard operation.
4.7.2
Sector Lockdown Override
The only way to unlock a sector that is locked down is through reset or power-up cycles. After
power-up or reset, the content of a sector that is locked down can be erased and reprogrammed.
4.8
Erase Suspend/Erase Resume
The Erase Suspend command allows the system to interrupt a sector or chip erase operation
and then program or read data from a different sector within the memory. After the Erase Sus-
pend command is given, the device requires a maximum time of 15 µs to suspend the erase
operation. After the erase operation has been suspended, the system can then read data or pro-
gram data to any other sector within the device. An address is not required during the Erase
Suspend command. During a sector erase suspend, another sector cannot be erased. To
resume the sector erase operation, the system must write the Erase Resume command. The
Erase Resume command is a one-bus cycle command. The device also supports an erase sus-
pend during a complete chip erase. While the chip erase is suspended, the user can read from
any sector within the memory that is protected. The command sequence for a chip erase sus-
pend and a sector erase suspend are the same.


Similar Part No. - AT49BV802DT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV802DT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com