Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV640D-70CU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV640D-70CU
Description  64-megabit (4M x 16) 3-volt Only Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV640D-70CU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV640D-70CU Datasheet HTML 4Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 5Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 6Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 7Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 8Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 9Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 10Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 11Page - ATMEL Corporation AT49BV640D-70CU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
3608C–FLASH–11/06
AT49BV640D(T)
4.9.3
Sector Protection Detection
A software method is available to determine if the sector protection Softlock or Hardlock fea-
tures are enabled. When the device is in the software product identification mode a read from
the I/O0 and I/O1 at address location 00002H within a sector will show if the sector is
unlocked, softlocked, or hardlocked.
4.10
Erase Suspend/Erase Resume
The Erase Suspend command allows the system to interrupt a sector erase operation and
then program or read data from a different sector within the memory. After the Erase Suspend
command is given, the device requires a maximum time of 15 µs to suspend the erase opera-
tion. After the erase operation has been suspended, the system can then read data or
program data to any other sector within the device. An address is not required during the
Erase Suspend command. During a sector erase suspend, another sector cannot be erased.
To resume the sector erase operation, the system must write the Erase Resume command.
The Erase Resume command is a one-bus cycle command. The only valid commands while
erase is suspended are Read Status Register, Product ID Entry, CFI Query, Program, Pro-
gram Resume, Erase Resume, Sector Softlock/Hardlock, and Sector Unlock.
4.11
Program Suspend/Program Resume
The Program Suspend command allows the system to interrupt a programming operation and
then read data from a different word within the memory. After the Program Suspend command
is given, the device requires a maximum of 10 µs to suspend the programming operation. After
the programming operation has been suspended, the system can then read from any other
word within the device. An address is not required during the program suspend operation. To
resume the programming operation, the system must write the Program Resume command.
The program suspend and resume are one-bus cycle commands. The command sequence for
the erase suspend and program suspend are the same, and the command sequence for the
erase resume and program resume are the same. Read, Read Status Register, Product ID
Entry, Program Resume are valid commands during a Program Suspend.
4.12
Product Identification
The product identification mode identifies the device and manufacturer as Atmel
®. It may be
accessed by a software operation. For details, see “Operating Modes” on page 21.
Table 4-3.
Sector Protection Status
I/O1
I/O0
Sector Protection Status
0
0
Sector Not Locked
0
1
Softlock Enabled
1
0
Hardlock Enabled
1
1
Both Hardlock and Softlock Enabled


Similar Part No. - AT49BV640D-70CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV640S ATMEL-AT49BV640S Datasheet
198Kb / 8P
   64-megabit (4M x 16) Secure 3-volt Only Memory
AT49BV640ST ATMEL-AT49BV640ST Datasheet
198Kb / 8P
   64-megabit (4M x 16) Secure 3-volt Only Memory
More results

Similar Description - AT49BV640D-70CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV640S ATMEL-AT49BV640S Datasheet
198Kb / 8P
   64-megabit (4M x 16) Secure 3-volt Only Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV6416C ATMEL-AT49BV6416C Datasheet
489Kb / 32P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
AT49BV6416 ATMEL-AT49BV6416 Datasheet
293Kb / 30P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com