Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB081D-MU-SL955 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB081D-MU-SL955
Description  8-megabit 2.5-volt or 2.7-volt DataFlash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D-MU-SL955 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB081D-MU-SL955 Datasheet HTML 1Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 2Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 3Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 4Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 5Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 6Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 7Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 8Page - ATMEL Corporation AT45DB081D-MU-SL955 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Features
Single 2.5V or 2.7V to 3.6V Supply
RapidS® Serial Interface: 66 MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
User Configurable Page Size
– 256 Bytes per Page
– 264 Bytes per Page
– Page Size Can Be Factory Pre-configured for 256 Bytes
Page Program Operation
– Intelligent Programming Operation
– 4,096 Pages (256/264 Bytes/Page) Main Memory
Flexible Erase Options
– Page Erase (256 Bytes)
– Block Erase (2 Kbytes)
– Sector Erase (64 Kbytes)
– Chip Erase (8 Mbits)
Two SRAM Data Buffers (256/264 Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 7 mA Active Read Current Typical
– 25 µA Standby Current Typical
– 5 µA Deep Power Down Typical
Hardware and Software Data Protection Features
– Individual Sector
Sector Lockdown for Secure Code and Data Storage
– Individual Sector
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles Per Page Minimum
Data Retention – 20 Years
Industrial Temperature Range
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB081D is a 2.5V or 2.7V, serial-interface Flash memory ideally suited for a
wide variety of digital voice-, image-, program code- and data-storage applications.
The AT45DB081D supports RapidS serial interface for applications requiring very
high speed operations. RapidS serial interface is SPI compatible for frequencies up to
66 MHz. Its 8,650,752 bits of memory are organized as 4,096 pages of 256 bytes or
264 bytes each. In addition to the main memory, the AT45DB081D also contains two
SRAM buffers of 256/264 bytes each. The buffers allow the receiving of data while a
page in the main Memory is being reprogrammed, as well as writing a continuous
data stream. EEPROM emulation (bit or byte alterability) is easily handled with a self-
contained three step read-modify-write operation. Unlike conventional Flash memo-
ries that are accessed randomly with multiple address lines and a parallel interface,
8-megabit
2.5-volt or
2.7-volt
DataFlash®
AT45DB081D
3596I–DFLASH–4/08


Similar Part No. - AT45DB081D-MU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D-MU-SL955 ATMEL-AT45DB081D-MU-SL955 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
Analog Devices
AT45DB081D-MU-SL955 AD-AT45DB081D-MU-SL955 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB081D-MU-SL955

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
logo
ATMEL Corporation
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com