Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D-SH-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB011D-SH-B
Description  1-megabit 2.7-volt Minimum DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D-SH-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB011D-SH-B Datasheet HTML 2Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 3Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 4Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 5Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 6Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 7Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 8Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 9Page - ATMEL Corporation AT45DB011D-SH-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
3639E–DFLASH–5/08
AT45DB011D
The CS pin must remain low during the loading of the opcode, the address bytes, and the read-
ing of data. When the end of a page in the main memory is reached during a Continuous Array
Read, the device will continue reading at the beginning of the next page with no delays incurred
during the page boundary crossover (the crossover from the end of one page to the beginning of
the next page). When the last bit in the main memory array has been read, the device will con-
tinue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array. A low-to-high transition on the CS pin will terminate the read operation
and tri-state the output pin (SO). The maximum SCK frequency allowable for the Continuous
Array Read is defined by the f
CAR1 specification. The Continuous Array Read bypasses the data
buffer and leaves the contents of the buffer unchanged.
6.3
Continuous Array Read (Low Frequency Mode: 03H): Up to 33 MHz
This command can be used with the serial interface to read the main memory array sequentially
without a dummy byte up to maximum frequencies specified by f
CAR2. To perform a continuous
read array with the page size set to 264 bytes, the CS must first be asserted then an opcode,
03H, must be clocked into the device followed by three address bytes (which comprise the 24-bit
page and byte address sequence). The first 9 bits (PA8 - PA0) of the 18-bit address sequence
specify which page of the main memory array to read, and the last 9 bits (BA8 - BA0) of the
18-bit address sequence specify the starting byte address within the page. To perform a contin-
uous read with the page size set to 256 bytes, the opcode, 03H, must be clocked into the device
followed by three address bytes (A16 - A0). Following the address bytes, additional clock pulses
on the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the read-
ing of data. When the end of a page in the main memory is reached during a Continuous Array
Read, the device will continue reading at the beginning of the next page with no delays incurred
during the page boundary crossover (the crossover from the end of one page to the beginning of
the next page). When the last bit in the main memory array has been read, the device will con-
tinue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array. A low-to-high transition on the CS pin will terminate the read operation
and tri-state the output pin (SO). The Continuous Array Read bypasses the data buffer and
leaves the contents of the buffer unchanged.
6.4
Main Memory Page Read
A main memory page read allows the user to read data directly from any one of the 2,048 pages
in the main memory, bypassing the data buffer and leaving the contents of the buffer
unchanged. To start a page read from the DataFlash standard page size (264 bytes), an opcode
of D2H must be clocked into the device followed by three address bytes (which comprise the
24-bit page and byte address sequence) and 4 don’t care bytes. The first 9 bits (PA8 - PA0) of
the 18-bit address sequence specify the page in main memory to be read, and the last 9 bits
(BA8 - BA0) of the 18-bit address sequence specify the starting byte address within that page.
To start a page read from the binary page size (256 bytes), the opcode D2H must be
clocked into the device followed by three address bytes and 4 don’t care bytes. The first 9 bits
(A16 - A8) of the 17-bit sequence specify which page of the main memory array to read, and the
last 8 bits (A7 - A0) of the 17-bit address sequence specify the starting byte address within the
page. The don’t care bytes that follow the address bytes are sent to initialize the read operation.
Following the don’t care bytes, additional pulses on SCK result in data being output on the SO
(serial output) pin. The CS pin must remain low during the loading of the opcode, the address
bytes, the don’t care bytes, and the reading of data. When the end of a page in main memory is


Similar Part No. - AT45DB011D-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-SH-B ATMEL-AT45DB011D-SH-B Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-SH-B ETC2-AT45DB011D-SH-B Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-SH-B ETC2-AT45DB011D-SH-B Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D-SH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com