Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28HC64BF-90PU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28HC64BF-90PU
Description  64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64BF-90PU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT28HC64BF-90PU Datasheet HTML 2Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 3Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 4Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 5Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 6Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 7Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 8Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 9Page - ATMEL Corporation AT28HC64BF-90PU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
3648A–PEEPR–10/06
AT28HC64BF
10. AC Read Waveforms
(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
9.
AC Read Characteristics
Symbol
Parameter
AT28HC64BF-70
AT28HC64BF-90
AT28HC64BF-120
Units
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
70
90
120
ns
tCE
(1)
CE to Output Delay
70
90
120
ns
t
OE
(2)
OE to Output Delay
0
35
0
40
0
50
ns
tDF
(3)(4)
OE to Output Float
035040050
ns
tOH
Output Hold
0
0
0
ns
tCE
tOE
tACC
tDF
tOH
OE
CE
ADDRESS
OUTPUT
OUTPUT VALID
ADDRESS VALID
HIGH Z


Similar Part No. - AT28HC64BF-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64BF-12JU ATMEL-AT28HC64BF-12JU Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
AT28HC64BF-12SU ATMEL-AT28HC64BF-12SU Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
More results

Similar Description - AT28HC64BF-90PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B Datasheet
661Kb / 12P
   64K 8K x 8 High Speed CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com