Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YNC13S20A-D Datasheet(PDF) 6 Page - Power-One

Part # YNC13S20A-D
Description  9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YNC13S20A-D Datasheet(HTML) 6 Page - Power-One

Back Button YNC13S20A-D Datasheet HTML 2Page - Power-One YNC13S20A-D Datasheet HTML 3Page - Power-One YNC13S20A-D Datasheet HTML 4Page - Power-One YNC13S20A-D Datasheet HTML 5Page - Power-One YNC13S20A-D Datasheet HTML 6Page - Power-One YNC13S20A-D Datasheet HTML 7Page - Power-One YNC13S20A-D Datasheet HTML 8Page - Power-One YNC13S20A-D Datasheet HTML 9Page - Power-One YNC13S20A-D Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OCT 12, 2006 revised to APR 23, 2007
Page 6 of 28
www.power-one.com
YNC12S20 DC-DC Converter Data Sheet
9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 20 A
Vin
Vin
Rw
Rw
Rload
Vin
GND
ON/OFF
(Top View)
Converter
TRIM
SENSE
Vout
Nex -c Series
TM
Fig. B: Remote sense circuit configuration.
Because the sense lead carries minimal current,
large traces on the end-user board are not
required. However, sense traces should be
located close to a ground plane to minimize
system noise and ensure optimum performance.
When utilizing the remote sense feature, care
must be taken not to exceed the maximum
allowable output power capability of the converter,
equal to the product of the nominal output voltage
and the allowable output current for the given
conditions.
When using remote sense, the output voltage at
the converter can be increased up to 0.5V above
the nominal rating in order to maintain the required
voltage across the load. Therefore, the designer
must, if necessary, decrease the maximum current
(originally obtained from the derating curves) by
the same percentage to ensure the converter’s
actual output power remains at or below the
maximum allowable output power.
Output Voltage Programming (Pin 3)
The output voltage can be programmed from
0.7525V to 5.5V by connecting an external resistor
between TRIM pin (Pin 3) and GND pin (Pin 5);
see Fig. C.
A trim resistor, RTRIM, for a desired output voltage
can be calculated using the following equation:
1
0.7525)
-
(V
5
.
10
R
REQ
-
O
RIM
T
=
[k
Ω]
where,
=
TRIM
R
Required value of trim resistor [k
Ω]
=
−REQ
O
V
Desired (trimmed) output voltage [V]
Vin
R
TRIM
Rload
Converter
Vin
GND
ON/OFF
(Top View)
TRIM
Vout
SENSE
Nex -c Series
TM
Fig. C: Configuration for programming output voltage.
Note that the tolerance of a trim resistor directly
affects the output voltage tolerance. It is
recommended to use standard 1% or 0.5%
resistors; for tighter tolerance, two resistors in
parallel are recommended rather than one
standard value from Table 1.
The ground pin of the trim resistor should be
connected directly to the converter GND pin (Pin
5) with no voltage drop in between. Table 1
provides the trim resistor values for popular output
voltages.
Table 1: Trim Resistor Value
V0-REG [V]
RTRIM [kΩ]
The Closest
Standard Value [kΩ]
0.7525
open
1.0
41.2
41.2
1.2
22.46
22.6
1.5
13.0
13.0
1.8
9.0
9.09
2.0
7.4
7.32
2.5
5.0
4.99
3.3
3.12
3.09
5.0
1.47
1.47
5.5
1.21
1.21
The output voltage can be also programmed by
external voltage source. To make trimming less
sensitive, a series external resistor Rext is
recommended between the TRIM pin and the
programming voltage source. Control Voltage can
be calculated by the formula:
15
0.7525)
-
)(V
R
1
(
7
.
0
V
REQ
-
O
EXT
CTRL
+
=
[V]
where,


Similar Part No. - YNC13S20A-D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
YNC500001 PERICOM-YNC500001 Datasheet
654Kb / 6P
   3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
More results

Similar Description - YNC13S20A-D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YS12S16 BEL-YS12S16 Datasheet
780Kb / 22P
   9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Power-One
YS12S16 POWER-ONE-YS12S16 Datasheet
267Kb / 5P
   YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com