Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YNC10S20A-D Datasheet(PDF) 5 Page - Power-One

Part # YNC10S20A-D
Description  9.6-14 VDC Input; 0.7525-5.5 VDC Programmable 20 A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YNC10S20A-D Datasheet(HTML) 5 Page - Power-One

  YNC10S20A-D Datasheet HTML 1Page - Power-One YNC10S20A-D Datasheet HTML 2Page - Power-One YNC10S20A-D Datasheet HTML 3Page - Power-One YNC10S20A-D Datasheet HTML 4Page - Power-One YNC10S20A-D Datasheet HTML 5Page - Power-One YNC10S20A-D Datasheet HTML 6Page - Power-One YNC10S20A-D Datasheet HTML 7Page - Power-One YNC10S20A-D Datasheet HTML 8Page - Power-One YNC10S20A-D Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
OCT 12, 2006 revised to APR 23, 2007
Page 5 of 28
www.power-one.com
YNC12S20 DC-DC Converter Data Sheet
9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 20 A
Operation
Input and Output Impedance
The Y-Series converter should be connected via a
low impedance to the DC power source. In many
applications, the inductance associated with the
distribution from the power source to the input of
the converter can affect the stability of the
converter. It is recommended to use decoupling
capacitors in order to ensure stability of the
converter and reduce input ripple voltage. The
converter has an internal input capacitance of 40
μF with very low ESR (ceramic capacitors).
In a typical application, low - ESR tantalum or
POS capacitors will be sufficient to provide
adequate ripple voltage filtering at the input of the
converter. However, very low ESR ceramic
capacitors 47μF-100 μF are recommended at the
input of the converter in order to minimize the
input ripple voltage. They should be placed as
close as possible to the input pins of the converter.
YNC12S20
has
been
designed
for
stable
operation with or without external capacitance.
Low ESR ceramic capacitors placed as close as
possible to the load (Min 47 μF) are recommended
for improved transient performance and lower
output voltage ripple.
It is important to keep low resistance and low
inductance PCB traces for connecting load to the
output pins of the converter in order to maintain
good load regulation.
ON/OFF (Pin 1)
The ON/OFF pin is used to turn the power
converter on or off remotely via a system signal.
There are two remote control options available,
positive logic (standard option) and negative logic,
and both are referenced to GND. Typical
connections are shown in Fig. A.
The positive logic version turns the converter on
when the ON/OFF pin is at a logic high or left
open, and turns the converter off when at a logic
low or shorted to GND.
Vin
CONTROL
INPUT
Vin
Vin
GND
ON/OFF
SENSE
(Top View)
Converter
TRIM
Vout
R*
R* is for negative logic option only
Rload
Nex -c Series
TM
Fig. A: Circuit configuration for ON/OFF function.
The negative logic version turns the converter on
when the ON/OFF pin is at logic low or left open,
and turns the converter off when the ON/OFF pin
is at a logic high or connected to Vin.
ON/OFF pin is internally pulled-up to Vin for a
positive logic version, and pulled-down for a
negative logic version. A TTL or CMOS logic gate,
open collector (open drain) transistor can be used
to drive ON/OFF pin. When using open collector
(open drain) transistor with a negative logic option,
add a pull-up resistor (R*) of 75 kΩ to Vin as
shown in Fig. A; This device must be capable of:
- sinking up to 0.2 mA at a low level voltage of
≤ 0.8 V
- sourcing up to 0.25 mA at a high logic level of
2.3V – 5V
- sourcing up to 0.75 mA when connected to Vin.
Remote Sense (Pin 2)
The remote sense feature of the converter
compensates for voltage drops occurring only
between Vout pin (Pin 4) of the converter and the
load. The SENSE (Pin 2) pin should be connected
at the load or at the point where regulation is
required (see Fig. B). There is no sense feature on
the output GND return pin, where a solid ground
plane is recommended to provide low voltage
drop.
If remote sensing is not required, the SENSE pin
must be connected to the Vout pin (Pin 4) to
ensure the converter will regulate at the specified
output voltage. If these connections are not made,
the converter will deliver an output voltage that is
slightly higher than the specified value.


Similar Part No. - YNC10S20A-D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
YNC500001 PERICOM-YNC500001 Datasheet
654Kb / 6P
   3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
More results

Similar Description - YNC10S20A-D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YS12S16 BEL-YS12S16 Datasheet
780Kb / 22P
   9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Power-One
YS12S16 POWER-ONE-YS12S16 Datasheet
267Kb / 5P
   YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLIN-20E1AX BEL-SLIN-20E1AX Datasheet
463Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-06E1AX BEL-SLIN-06E1AX Datasheet
481Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
SLIN-03E1AX BEL-SLIN-03E1AX Datasheet
462Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
SLIN-03E2AX BEL-SLIN-03E2AX Datasheet
436Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com