Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8674 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8674
Description  Very Low Iq Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8674 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8674 Datasheet HTML 3Page - ON Semiconductor NCV8674 Datasheet HTML 4Page - ON Semiconductor NCV8674 Datasheet HTML 5Page - ON Semiconductor NCV8674 Datasheet HTML 6Page - ON Semiconductor NCV8674 Datasheet HTML 7Page - ON Semiconductor NCV8674 Datasheet HTML 8Page - ON Semiconductor NCV8674 Datasheet HTML 9Page - ON Semiconductor NCV8674 Datasheet HTML 10Page - ON Semiconductor NCV8674 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCV8674
http://onsemi.com
7
TYPICAL CHARACTERISTIC CURVES − 12 V OPTION
Figure 15. ESR Stability Region vs. Output
Current
Figure 16. Output Voltage vs. Temperature
Figure 17. Quiescent Current vs. Temperature
Figure 18. Current Limit vs. Temperature
Figure 19. Output Voltage vs. Input Voltage
Figure 20. Quiescent Current vs. Output Load
11.75
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
0
20
40
60
120
TEMPERATURE (°C)
−40 −20
80
100
140 160
TEMPERATURE (°C)
0
10
20
30
40
50
60
0
20
40
60
120
−40 −20
80
100
140 160
0
100
200
300
400
500
600
700
TEMPERATURE (°C)
Vin = 13.5 V
0
204060
120
−40 −20
80
100
140 160
Vin = 13.5 V
Iout = 100 mA
12.20
12.25
800
900
1000
Vin = 13.5 V
Iout = 100 mA
70
80
90
100
INPUT VOLTAGE (V)
0
2
4
6
8
10
12
0
5
10
15
30
20
25
35
14
40
45
OUTPUT LOAD (mA)
0
5
10
15
20
25
35
0
100
200
300
400
125°C
25°C
−40°C
Vin = 13.5 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
Vout(nom) = 12 V
30
OUTPUT CURRENT (mA)
0.001
0.01
0.1
1
0
50
100
150
300
200
250
350
Unstable Region
Stable Region
10
100
Vout(nom) = 12 V
Unexplored Region*
*The min specified ESR is based on Murata’s capacitor
GRM32ER71C226ME18 used in measurement. The true
min ESR limit might be lower than shown.
Cout = 22 mF
TA = −40°C to 150°C


Similar Part No. - NCV8674

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674DS120G ONSEMI-NCV8674DS120G Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
NCV8674DS120R4G ONSEMI-NCV8674DS120R4G Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
NCV8674DS50G ONSEMI-NCV8674DS50G Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
NCV8674DS50R4G ONSEMI-NCV8674DS50R4G Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
More results

Similar Description - NCV8674

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com