Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS6433DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS6433DR2G
Description  Wideband Quad 2:1 Video Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS6433DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCS6433DR2G Datasheet HTML 1Page - ON Semiconductor NCS6433DR2G Datasheet HTML 2Page - ON Semiconductor NCS6433DR2G Datasheet HTML 3Page - ON Semiconductor NCS6433DR2G Datasheet HTML 4Page - ON Semiconductor NCS6433DR2G Datasheet HTML 5Page - ON Semiconductor NCS6433DR2G Datasheet HTML 6Page - ON Semiconductor NCS6433DR2G Datasheet HTML 7Page - ON Semiconductor NCS6433DR2G Datasheet HTML 8Page - ON Semiconductor NCS6433DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCS6433
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 2. Gain vs. Frequency
Figure 3. Crosstalk vs. Frequency
(Non−Adjacent Channels)
FREQUENCY (MHz)
FREQUENCY (MHz)
10,000
1000
100
10
1
0.1
−15
−12
−9
−6
−3
0
3
10,000
1000
100
10
1
0.1
−100
−90
−70
−50
−40
−20
−10
0
Figure 4. Crosstalk vs. Frequency
(Adjacent Channels)
Figure 5. Off Isolation vs. Frequency
FREQUENCY (MHz)
FREQUENCY (MHz)
10,000
1000
100
10
1
0.1
−100
−80
−70
−60
−40
−20
−10
0
10,000
1000
100
10
1
0.1
−100
−90
−70
−50
−40
−30
−10
0
−30
−60
−80
−30
−50
−90
−80
−60
−20
NCS6433
SEL
GND
VCC
B2
A
VCC
20 pF
Vout
RD
CL
3 V
0 V
B1
High = 3 V
Low = 0 V
Figure 6. AC Test Circuit for Turn−on and Turn−off Times
75 W
SEL = LOW ≥ A = B1
SEL = HIGH ≥ A = B2
OE


Similar Part No. - NCS6433DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
   Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
NCS6415DWG ONSEMI-NCS6415DWG Datasheet
87Kb / 9P
   Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
NCS6415DWR2G ONSEMI-NCS6415DWR2G Datasheet
87Kb / 9P
   Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
NCS6416DWG ONSEMI-NCS6416DWG Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
More results

Similar Description - NCS6433DR2G

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A_14 Datasheet
1Mb / 5P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PO3B512A POTATO-PO3B512A Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Maxim Integrated Produc...
MAX4886 MAXIM-MAX4886 Datasheet
206Kb / 12P
   Quad, High-Speed HDMI/DVI 2:1 Digital Video Switch
Rev 0; 4/07
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com