Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1392BDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1392BDR2G
Description  High-Voltage Half-Bridge Driver with Inbuilt Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1392BDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1392BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 10Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 11Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 12Page - ON Semiconductor NCP1392BDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCP1392B
http://onsemi.com
9
Irt (mA)
Figure 21. Irt and Appropriate Frequency
0.2
290
0.3 0.4
0.5 0.6
0.7
0.8
0.9
1.0 1.1
1.2
240
190
140
90
40
APPLICATION INFORMATION
The NCP1392 is primarily intended to drive low cost half
bridge applications and especially resonant half bridge
applications. The IC includes several features that help the
designer to cope with resonant SPMS design. All features
are described thereafter:
Wide Operating Frequency Range: The internal
current controlled oscillator is capable to operate over
wide frequency range up to 250 kHz. Minimum
frequency accuracy is
$3%.
Fixed Dead−Time: The internal dead−time helping to
fight with cross conduction between the upper and
lower power transistors. Three versions with different
dead time values are available to cover wide range of
applications.
100 ms PFC Timer: Fixed delay is placed to IC
operation whenever the driver restarts (VCCON or
BO_OK detect events). This delay assures that the bulk
voltage will be stabilized in the time the driver provides
pulses on the outputs. Another benefit of this delay is
that the soft start capacitor will be full discharged
before any restart.
Brown−Out Detection: The BO input monitors bulk
voltage level via resistor divider and thus assures that
the application is working only for wanted bulk voltage
band. The BO input sinks current of 18.2
mA until the
VrefBO threshold is reached. Designer can thus adjust
the bulk voltage hysteresis according to the application
needs.
Non−Latched Enable Input: The enable comparator
input is connected in parallel to the BO terminal to
allow the designer stop the output drivers when needed.
There is no PFC delay when enable input is released so
skip mode for resonant SMPS applications and
dimming for light ballast applications are possible.
Internal VCC Clamp: The internal zener clamp offers
a way to prepare passive voltage regulator to maintain
VCC voltage at 16 V in case the controller is supplied
from unregulated power supply or from bulk capacitor.
Low Startup Current: This device features maximum
startup current of 50
mA which allows the designer to
use high value startup resistor for applications when
driver is supplied from the auxiliary winding. Power
dissipation of startup resistor is thus significantly
reduced.
Current Controlled Oscillator
The current controlled oscillator features a high−speed
circuitry allowing operation from 50 kHz up to 500 kHz.
However, as a division by two internally creates the two Q
and Q outputs, the final effective signal on output Mlower
and Mupper switches between 25 kHz and 250 kHz. The
VCO is configured in such a way that if the current that flows
out from the Rt pin increases, the switching frequency also
goes up. Figure 22 shows the architecture of this oscillator.


Similar Part No. - NCP1392BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1392BDR2G ONSEMI-NCP1392BDR2G Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392BDR2G ONSEMI-NCP1392BDR2G Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results

Similar Description - NCP1392BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
NCP1393B ONSEMI-NCP1393B Datasheet
244Kb / 16P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
January 2010 Rev 6
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com