Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1083DEG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1083DEG
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1083DEG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1083DEG Datasheet HTML 1Page - ON Semiconductor NCP1083DEG Datasheet HTML 2Page - ON Semiconductor NCP1083DEG Datasheet HTML 3Page - ON Semiconductor NCP1083DEG Datasheet HTML 4Page - ON Semiconductor NCP1083DEG Datasheet HTML 5Page - ON Semiconductor NCP1083DEG Datasheet HTML 6Page - ON Semiconductor NCP1083DEG Datasheet HTML 7Page - ON Semiconductor NCP1083DEG Datasheet HTML 8Page - ON Semiconductor NCP1083DEG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 0
1
Publication Order Number:
NCP1083/D
NCP1083
Integrated High Power
PoE-PD Interface & DC-DC
Converter Controller with
9 V Auxiliary Supply Support
Introduction
The NCP1083 is a member of ON Semiconductor’s high power
HIPO
t Power over Ethernet Powered Device (PoE−PD) product
family and represents a robust, flexible and highly integrated solution
targeting demanding medium and high power Ethernet applications. It
combines in a single unit an enhanced PoE−PD interface supporting
the IEEE 802.3af and the upcoming draft IEEE 802.3at (D3.0)
standard and a flexible and configurable DC−DC converter controller.
The NCP1083’s exceptional capabilities enable applications to
smoothly transition from non−PoE to PoE enabled networks by also
supporting power from auxiliary sources such as AC power adapters
and battery supplies, eliminating the need for a second switching
power supply.
ON Semiconductor’s unique manufacturing process and design
enhancements allow the NCP1083 to deliver up to 25.5 W for the draft
IEEE 802.3at (D3.0) standard and up to 40 W for proprietary high
power PoE applications. The NCP1083 enables the draft IEEE 802.3at
(D3.0) and implements a two event physical layer classification.
Additional proprietary classification procedures support high power
power sourcing equipment (PSE) on the market. The unique high
power features leverage the significant cost advantages of PoE−
enabled systems to a much broader spectrum of products in emerging
markets such as industrial ethernet devices, PTZ and Dome IP
cameras, RFID readers, MIMO WLAN access points, high−end VoIP
phones, notebooks, etc.
The integrated current mode DC−DC controller facilitates
isolated and non−isolated fly−back, forward and buck
converter topologies. It has all the features necessary for a
flexible, robust and highly efficient design including
programmable switching frequency, duty cycle up to 80
percent, slope compensation, and soft start−up.
The NCP1083 is fabricated in a robust high voltage
process and integrates a rugged vertical N−channel DMOS
with a low loss current sense technique suitable for the most
demanding environments and capable of withstanding harsh
environments such as hot swap and cable ESD events.
The NCP1083 complements ON Semiconductor’s ASSP
portfolio in industrial devices and can be combined with
stepper motor drivers, CAN bus drivers and other high−
voltage interfacing devices to offer complete solutions to the
industrial and security market.
Features
Powered Device Interface
Flexible Auxiliary Power Supply Support
9 V Front, Rear and Direct Auxiliary Supply Connections
Supporting the IEEE 802.3af and the Upcoming Draft
IEEE 802.3at (D3.0) Standard
Supports Draft IEEE 802.3at (D3.0) Two Event Layer 1
Classification
High Power Layer 1 Classification Indicator
Extended Power Ranges up to 40 W
Programmable Classification Current
Adjustable Under Voltage Lock Out
Programmable Inrush Current Limit
Programmable Operational Current Limit up to
1100 mA for Extended Power Ranges
Over−temperature Protection
Industrial Temperature Range −40°C to 85°C with Full
Operation up to 150
°C Junction Temperature
0.6 W Hot−Swap Pass−switch with Low Loss Current
Sense Technique
Vertical N−channel DMOS Pass−switch Offers the
Robustness of Discrete MOSFETs with Integrated
Temperature Control
http://onsemi.com
NCP1083 = Specific Device Code
XXXX = Date Code
Y
= Assembly Location
ZZ
= Traceability Code
TSSOP−20 EP
DE SUFFIX
CASE 948AB
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1


Similar Part No. - NCP1083DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1083DEG ONSEMI-NCP1083DEG Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com