Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1083 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1083
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1083 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1083 Datasheet HTML 6Page - ON Semiconductor NCP1083 Datasheet HTML 7Page - ON Semiconductor NCP1083 Datasheet HTML 8Page - ON Semiconductor NCP1083 Datasheet HTML 9Page - ON Semiconductor NCP1083 Datasheet HTML 10Page - ON Semiconductor NCP1083 Datasheet HTML 11Page - ON Semiconductor NCP1083 Datasheet HTML 12Page - ON Semiconductor NCP1083 Datasheet HTML 13Page - ON Semiconductor NCP1083 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP1083
http://onsemi.com
10
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
SOFT−START
Vss
Soft−start voltage range
1.15
V
Vss_r
Soft−start low threshold (rising edge)
0.35
0.45
0.55
V
Iss
Soft−start source current
3
5
7
mA
CURRENT LIMIT COMPARATOR
CSth
CS threshold voltage
324
360
396
mV
Tblank
Blanking time
100
nS
For information only
OSCILLATOR
DutyC
Maximum duty cycle
80%
Fixed internally
Frange
Oscillator frequency range
100
500
kHz
F_acc
Oscillator frequency accuracy
±25
%
CURRENT CONSUMPTION
IvportP1
VPORTP internal current consumption
(Note 14)
2.5
3.5
mA
DC−DC controller off
IvportP2
VPORTP internal current consumption
(Note 15)
4.7
6.5
mA
DC−DC controller on
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
150
°C Tj
Tj = junction temperature
Thyst
Thermal hysteresis
15
°C Tj
Tj = junction temperature
THERMAL RATINGS
Ta
Ambient temperature
−40
85
°C
Tj
Junction temperature
125
150
°C
°C
Parametric values guaranteed
− Max 1000 hours
14.Conditions
a. No current through the pass−switch
b. DC−DC controller inactive (SS shorted to RTN)
c. No external load on VDDH and VDDL
d. VPORTP = 57 V
15.Conditions
a. No current through the pass−switch
b. Oscillator frequency = 100 kHz
c. No external load on VDDH and VDDL
d. Aux winding not used
e. 2 nF on GATE, DC−DC controller enabled
f. VPORTP = 57 V
Figure 6. (Ivddl_load)max with Auxiliary
Supply Operation
Figure 7. (Ivddh_load+Ivddl_load)max with
Auxiliary Supply Operation
VPORTP−ARTN VOLTAGE DURING PWM
OPERATION (V)
VPORTP−ARTN VOLTAGE DURING PWM
OPERATION (V)
13
12
11.5
11
10.5
10
9.0
8.5
4.0
4.5
5.0
6.5
7.5
8.5
9.5
10.5
0.50
0.75
1.00
1.25
1.75
2.00
2.25
2.50
9.5
12.5
13.5
5.5
6.0
7.0
8.0
9.0
10.0
13
12
11.5
11
10.5
10
9.0
8.5
9.5
12.5
13.5
1.50


Similar Part No. - NCP1083

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083DEG ONSEMI-NCP1083DEG Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083DER2G ONSEMI-NCP1083DER2G Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com